Electronic Components Datasheet Search
  English  ▼

X  

WCCHB166 Datasheet(PDF) 2 Page - TT Electronics.

Part # WCCHB166
Description  Low Profile Aluminium Housed Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WCCHB166 Datasheet(HTML) 2 Page - TT Electronics.

  WCCHB166 Datasheet HTML 1Page - TT Electronics. WCCHB166 Datasheet HTML 2Page - TT Electronics. WCCHB166 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Profile Aluminium Housed
Power Resistors
WCCHB / WCDH Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
Low Profile Aluminium Housed Power Resistors
WCCHB / WCDH Series
Thermal and Overload Data
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
Temperature Derating
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient temperature (°C)
Surface Temperature Rise
0
100
200
300
400
500
0%
50%
100%
150%
Proportion of Rated Power
Repetitive Overload (120s cycle, heatsink mounted)
0
2
4
6
8
10
12
14
1.0
10.0
100.0
Duration (s)
600
650
900
950
1300
1400
1600
1800
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com