Electronic Components Datasheet Search
  English  ▼

X  

WDBR Datasheet(PDF) 3 Page - TT Electronics.

Part # WDBR
Description  Ultra Low Profile Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WDBR Datasheet(HTML) 3 Page - TT Electronics.

  WDBR Datasheet HTML 1Page - TT Electronics. WDBR Datasheet HTML 2Page - TT Electronics. WDBR Datasheet HTML 3Page - TT Electronics. WDBR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ultra Low Profile Power Resistors
WDBR Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
07.24
Application Notes
Pulse and Overload Performance
A heatsink with thermal resistance ≤0.53°C/W will enable the component to operate at its continuous power rating. Sufficient thermal
grease (e.g. Dow Corning DC340) to give void-free coverage, or a 0.5mm thick compliant thermal pad (e.g. T Global TG-X) should be used
and the heatsink should have a surface finish of <6.3μm with flatness of <0.05mm. The resistor should be mounted using an appropriate
bolt as listed in the table below. This should be tightened so as to bring the whole area of the steel substrate into intimate contact with
the heatsink. The unmounted part is slightly bowed so that the centre is above the edges. Inadequate tightening will leave the centre out
of contact with the heatsink, whilst over tightening can cause the edges to rise. The tightening torque required will depend on the fixings
and heatsink used, but typical figures are given for guidance.
Note:
Mounted on a 0.53°C/W heatsink with 5m/s forced air cooling, air temperature 25°C. Single pulse or low repetition rate, such that mean power ≤ 10% of rated power. ΔR ≤ 5%
Maximum Peak Current
WDBR resistors will fail safe (open circuit) under overload fault conditions and still maintain a 1kV dielectric withstand.
Soldering of solder pad (termination I) variants requires the use of a hot plate. Hand solder process recommendations are available.
WDBR resistors may be customised in various ways including:
•
Alternative shapes and dimensions up to 406mm x 406mm
•
Integration of temperature measurement elements and thermal cutouts
•
Alternative ohmic values and tolerances
•
Increased dielectric withstand voltage
•
Custom braking resistors
•
Integration of multiple power resistors
For a similar product with UL508 recognition see WDBR-UL:
https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Datasheet/WDBR-UL.pdf
Maximum Surge / Overload Power
Maximum Surge / Overload Energy



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com