Electronic Components Datasheet Search
  English  ▼

X  

WFF Datasheet(PDF) 1 Page - TT Electronics.

Part # WFF
Description  Fast Fusible Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WFF Datasheet(HTML) 1 Page - TT Electronics.

  WFF Datasheet HTML 1Page - TT Electronics. WFF Datasheet HTML 2Page - TT Electronics. WFF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fast Fusible Metal
Film Resistors
WFF Series
• Low power fusing
• Predictable fusing characteristics
• Flameproof protection
WFF1/4
WFF1/2
WFF1
1
5
.
0
5
2
.
0
s
t
t
a
w
C
˚
0
7
t
a
g
n
i
t
a
r
r
e
w
o
P
5
K
1
-
2
R
0
K
7
2
-
0
1
R
0
K
0
1
-
1
R
0
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
5
3
0
5
3
0
5
2
s
t
l
o
v
e
g
a
t
l
o
v
t
n
e
m
e
l
e
g
n
i
t
i
m
i
L
0
5
2
C
˚
/
m
p
p
R
C
T
5
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
Standard values
E24 preferred
0
0
1
0
2
1
0
5
1
t
t
a
w
/
C
˚
e
c
n
a
d
e
p
m
i
l
a
m
r
e
h
T
5
5
1
o
t
5
5
-
C
˚
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue D · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
161
Construction
The metal film is deposited on a high purity ceramic rod. End
caps are force fitted and termination wires welded to the
caps. The resistive film is adjusted to the required value by a
special helical cut. A fuse aid coating is then applied. Finally a
cement protection is applied to the resistor body prior to
marking with indelible ink.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC68.2.21.
Solderability
The terminations meet the requirements of
IEC 115-1 Clause 4.17.3.2.
Marking
Resistors are colour coded with 5 bands. Four of the bands
are used to indicate values and tolerance, with IEC 62 colours
being used. A fifth yellow band denotes constant voltage
fusibility.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistors will not burn or emit incandescent particles
under any condition of applied temperature or power
overload.
Dimensions (mm) & Weight (g)
Type
L
D
f
d
PCB
Min.
Wt.
max
max
min
nom
mounting
bend
nom
centres
radius
WFF1/4
6.2
2.3
21.0
0.6
10.2
0.6
0.3
WFF1/2
9.0
3.4
19.6
0.8
12.7
1.2
0.6
WFF1
12.5
4.2
17.8
0.8
18.4
1.2
0.9
Physical Data
L
D
f
d
2.5
Issue E · 01.07
OBSOLETE


Similar Part No. - WFF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WFF WELWYN-WFF Datasheet
90Kb / 3P
Fast Fusible Metal Film Resistors
WFF1 WELWYN-WFF1 Datasheet
90Kb / 3P
Fast Fusible Metal Film Resistors
WFF1/2 WELWYN-WFF1/2 Datasheet
90Kb / 3P
Fast Fusible Metal Film Resistors
WFF1/4 WELWYN-WFF1/4 Datasheet
90Kb / 3P
Fast Fusible Metal Film Resistors
logo
Shenzhen Winsemi Microe...
WFF10N60 WINSEMI-WFF10N60 Datasheet
705Kb / 7P
Silicon N-Channel MOSFET
More results

Similar Description - WFF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
Fusible Metal Film Resistors
FM1 WELWYN-FM1 Datasheet
110Kb / 2P
Fusible Metal Film Resistors
WFF WELWYN-WFF Datasheet
90Kb / 3P
Fast Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
Metal Film, Cylindrical, Fusible Resistors
15-Feb-06
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
Fusible, Non-Flammable Metal Film Leaded Resistors
30-Mar-10
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
Metal Film, Fusible Resistors
logo
Vishay Siliconix
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
Fusible, Non-Flammable Metal Film Leaded Resistors
30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
Fusible, Non-Flammable Metal Film Leaded Resistors
30-Mar-10
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
Metal Film, Cylindrical, Fusible Resistors
24-Jun-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com