Electronic Components Datasheet Search
  English  ▼

X  

AX93322 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93322
Description  Eight-Port LAN Module with Intel® I350-AM4 GbE Ethernet Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93322 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93322 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX93322 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2023 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
53
Overview
The AX93322 LAN module is built with Intel® Ethernet Controller I350-AM4, incorporating Data Plane Development Kit (DPDK), jumbo frames, Intel® VMDq, and
SR-IOV to optimize the processing of network data traffic. It also provides an optional LAN bypass function to ensure smooth network connectivity at all times,
making it an ideal solution for users seeking better protection of their essential business communications during power outage, system shutdown or crash.
Specifications
Basic
Controller
Intel® I350-AM4
Speed/Connector
8 x SFP or 4 x SFP & 4 x RJ-45
Interface
PCIe 2.0 x8
Features
LAN Bypass
Optional (refer to ordering Information)
Jumbo Frames
Yes
Intel® VT-c
VMDq, SR-IOV
Acceleration
DPDK
LED Definition
Amber: 1 GbE, Green: 100 Mbps
Available Models
NA363R, NA580, NA590, NA592, NA720, NA721, NA860, NA861, and NA870
Mechanical/Environmental
Operation Temp
0°C to +40°C (+32°F to +104°F)
Humidity
10% - 90% RH, non-condensing
Dimensions
78.9 mm (3.11") x 175 mm (6.89") x 42.8 mm (1.69")
PCIe 2.0 x8 golden finger
8 x SFP
Intel® I350-AM4
Ethernet controller
with heatsink
AX93322
Eight-Port LAN Module with Intel® I350-AM4 GbE Ethernet Controller
Features
● Intel® I350-AM4 Ethernet controller
● 8 SFP or 4 SFP and 4 RJ-45
● PCIe 2.0 x8 golden finger
● 2-pair LAN Bypass (optional)
● Supports Intel® Virtualization Technology for connectivity
● RoHS compliant


Similar Part No. - AX93322

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93326 AXIOMTEK-AX93326 Datasheet
189Kb / 1P
Eight Ports LAN Module with Intel® I210-AT GbE Ethernet Controller
Dec. 27, 2023.
AX93326-8GI-I210 AXIOMTEK-AX93326-8GI-I210 Datasheet
189Kb / 1P
Eight Ports LAN Module with Intel® I210-AT GbE Ethernet Controller
Dec. 27, 2023.
AX93327 AXIOMTEK-AX93327 Datasheet
292Kb / 2P
Four-Port LAN Module with Intel® XL710-BM1 10GbE Ethernet Controller
2023
AX93327-4FI AXIOMTEK-AX93327-4FI Datasheet
292Kb / 2P
Four-Port LAN Module with Intel® XL710-BM1 10GbE Ethernet Controller
2023
More results

Similar Description - AX93322

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
NCS2-POEIG402 LANNER-NCS2-POEIG402 Datasheet
686Kb / 1P
Lanner NCS2 NIC Modular with Intel 짰 I350-AM4 Chipset & 4x GbE RJ45 PoE Ports
NCS2-POEIG802 LANNER-NCS2-POEIG802 Datasheet
665Kb / 1P
Lanner NCS2 NIC Modular with Intel 짰 I350-AM4 Chipset & 8x GbE RJ45 PoE Ports
logo
Intel Corporation
I350T2V2 INTEL-I350T2V2 Datasheet
1Mb / 6P
Intel® Ethernet Server Adapter I350
logo
Advantech Co., Ltd.
PCIE-1130 ADVANTECH-PCIE-1130 Datasheet
404Kb / 1P
Quad Port Copper Gigabit Ethernet PCI Express Server Adapter with Intel® I350
22-Dec-2022
PCIE-1131 ADVANTECH-PCIE-1131 Datasheet
346Kb / 1P
Quad Port Fiber Gigabit Ethernet PCIE Express Server Adapter with Intel® I350
22-Dec-2022
PCIE-2130 ADVANTECH-PCIE-2130 Datasheet
361Kb / 1P
Quad Port Fiber Gigabit Ethernet PCI Express Server Adapter with Intel® I350
26-May-2022
PCIE-2131BP ADVANTECH-PCIE-2131BP Datasheet
381Kb / 1P
Quad Port Copper Gigabit Bypass Ethernet PCI Express Server Adapter with Intel® I350
22-Dec-2022
logo
Lanner All Rights Reser...
NCS2-IGM806 LANNER-NCS2-IGM806 Datasheet
922Kb / 1P
8-port GbE RJ45 NIC Module with Intel® i350 Ethernet Controller
V1-2020.11.30
NCS2-ISM802A LANNER-NCS2-ISM802A Datasheet
802Kb / 1P
8-port GbE SFP NIC Module With Intel® i350AM4 Ethernet Controller
2020.12.29
NCS2-IXM803A LANNER-NCS2-IXM803A Datasheet
232Kb / 1P
8-port 10GbE SFP28 NIC Module With Intel® E810-CAM2 Ethernet Controller
V1.2021.08.19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com