Electronic Components Datasheet Search
  English  ▼

X  

INA200 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # INA200
Description  DIN-Rail Cybersecurity Gateway with Intel Atom® x6212RE/x6414RE Processor and up to 6 LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

INA200 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  INA200 Datasheet HTML 1Page - Axiomtek Co., Ltd. INA200 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
DIN-Rail Cybersecurity Gateways
6
Specifications
Mechanical/ Environmental
Form Factor
DIN-rail
LED
8 x LED
Operating Temperature -40°C to +70°C (-40°F to +158°F)
Humidity
10% to 95% RH, non-condensing
Chassis Material
Aluminum and steel
Dimensions
66 mm (2.6") (W) x 127 mm (5") (D) x 150 mm (5.9") (H)
Weight (net/gross)
1.5 kg (3.3 lb)/1.8 kg (3.97 lb)
Certifications
CE (Class A), FCC (Class A)
Dimensions
127.0
66.0
Ordering Information
Standard
iNA200-X6414-A
(P/N: E27B200100)
DIN-rail cybersecurity gateway with Intel Atom® x6414RE processor and up to 6 LAN
iNA200-X6212-A
(P/N: E27B200101)
DIN-rail cybersecurity gateway with Intel Atom® x6212RE processor and up to 6 LAN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com