Electronic Components Datasheet Search
  English  ▼

X  

7901 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 7901
Description  3U Compact PCI 2-Port RS-232, RS-422, RS-485 Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

7901 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  7901 Datasheet HTML 1Page - Sealevel Systems, Inc. 7901 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3U Compact PCI 2-Port RS-232, RS-422, RS-485 Serial
Interface
This product is classified as legacy and is not recommended for new or high volume designs.
Sealevel will support legacy products through technical and warranty support, software drivers and product manuals. Please contact
Sales for further information. For new product designs, we recommend the 7205e.
The 7901 is a 3U compact PCI serial interface that provides two RS-232, RS-422, or RS-485 serial ports for demanding automation
and control applications. Each port can be field configured to RS-232, RS-422, or RS-485 for maximum flexibility. Our revolutionary
Automatic RS-485 Enable circuit is included onboard to simplify multidrop network connections. 16C850 UARTs with deep 128-byte
FIFOs are standard to reduce system overhead, even at high speeds.
Note: This item has a minimum order quantity (MOQ) of 25 units. Please contact your sales representative with any questions.
Part: 7901 | Model: COMM+2.cPCI
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 7901

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
79010 ALPHAWIRE-79010 Datasheet
407Kb / 4P
18 (16/30) AWG Tinned Copper
logo
Intel Corporation
7901001QX INTEL-7901001QX Datasheet
542Kb / 11P
8-Bit Microprocessor
logo
Alpha Wire
79011 ALPHAWIRE-79011 Datasheet
407Kb / 4P
18 (16/30) AWG Tinned Copper
79012 ALPHAWIRE-79012 Datasheet
407Kb / 4P
18 (16/30) AWG Tinned Copper
79013 ALPHAWIRE-79013 Datasheet
408Kb / 4P
18 (16/30) AWG Tinned Copper
More results

Similar Description - 7901

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Moxa Inc.
5200A MOXA-5200A Datasheet
3Mb / 7P
2-port RS-232/422/485 serial device servers
CP-114UL MOXA-CP-114UL Datasheet
726Kb / 4P
4-port RS-232/422/485 Universal PCI serial boards
CP-118EL-A MOXA-CP-118EL-A Datasheet
979Kb / 4P
8-port RS-232/422/485 PCI Express serial boards
CP-118U MOXA-CP-118U Datasheet
979Kb / 5P
8-port RS-232/422/485 Universal PCI serial boards
logo
Advantech Co., Ltd.
PCI-1602 ADVANTECH-PCI-1602 Datasheet
846Kb / 1P
2-port RS-232/422/485 PCI Communication Card
22-Aug-2019
MIC-3955 ADVANTECH-MIC-3955_V01 Datasheet
1Mb / 2P
3U CompactPCI짰 RS-232/422/485 Serial Communication Card
18-Feb-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com