Electronic Components Datasheet Search
  English  ▼

X  

7905 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 7905
Description  3U Compact PCI 8-Port RS-232 Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

7905 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  7905 Datasheet HTML 1Page - Sealevel Systems, Inc. 7905 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
3U Compact PCI 8-Port RS-232 Serial Interface
Part: 7905 | Model: COMM+8.cPCI
Features
• Hot Swap compliant (PICMG 2.1 Rev. 3.0)
• PCI bus 2.2 compliant
• Universal 3.3 and 5V compatible
• Onboard interrupt status port maximizes interrupt sharing efficiency
• Full RS-232 control signals supported
sealevel.com
+1 864.843.4343
SL9661 H22
Specifications
Electrical Interface
RS-232
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
Compact PCI
# of Ports
8
Serial Connector(s)
DB25M
UART Series
850 UART



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com