Electronic Components Datasheet Search
  English  ▼

X  

X25128FS Datasheet(PDF) 14 Page - IC MICROSYSTEMS

Part # X25128FS
Description  SPI Serial E2PROM with Block Lock Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25128FS Datasheet(HTML) 14 Page - IC MICROSYSTEMS

Back Button X25128FS Datasheet HTML 7Page - IC MICROSYSTEMS X25128FS Datasheet HTML 8Page - IC MICROSYSTEMS X25128FS Datasheet HTML 9Page - IC MICROSYSTEMS X25128FS Datasheet HTML 10Page - IC MICROSYSTEMS X25128FS Datasheet HTML 11Page - IC MICROSYSTEMS X25128FS Datasheet HTML 12Page - IC MICROSYSTEMS X25128FS Datasheet HTML 13Page - IC MICROSYSTEMS X25128FS Datasheet HTML 14Page - IC MICROSYSTEMS X25128FS Datasheet HTML 15Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
X25128
14
PACKAGING INFORMATION
16-LEAD PLASTIC SMALLOUTLINE GULL WING PACKAGE TYPE S
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.020 (0.51)
PIN 1
PIN 1 INDEX
0.050 (1.27)
0.386 (9.80)
0.394 (10.01)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7
°
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050" Typical
0.030" Typical
16 Places
FOOTPRINT
0.010 (0.25)
0.020 (0.50)
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0
° – 8°
X 45
°
0.050"
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com