Electronic Components Datasheet Search
  English  ▼

X  

8005 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 8005
Description  PCI 48 Channel TTL Digital Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8005 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  8005 Datasheet HTML 1Page - Sealevel Systems, Inc. 8005 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
PCI 48 Channel TTL Digital Interface
Part: 8005 | Model: PIO-48.PCI
Features
• 48 channels of buffered TTL I/O
• Each 8-bit port individually configurable as input or output
• 8255 mode 0 compatible
• 10K pull up resistors on each bit
• +5V power and ground provided on connector
• Two industry standard 50-pin solid-state relay rack connectors
• SeaIO Classic software supports Microsoft Windows operating
systems
• Software support for Linux available
sealevel.com
+1 864.843.4343
SL9553 G22
Specifications
Board Connector
(2) 50-Pin Headers
Digital I/O
TTL I/O
Extended Temperature
Call for Options
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
PCI
Number of Inputs/
Outputs
48 (TTL)
Operating Temperature
0°C to 70°C (32°F to 158°F)
Output Specification
Sink up to 24mA, Source up to 15mA
PC Bracket
Standard Height
# of Ports
48
Power Requirement
+5V @ 1A
Storage Temperature
-50°C to 105°C (-58°F to 221°F)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com