Electronic Components Datasheet Search
  English  ▼

X  

X24645F Datasheet(PDF) 18 Page - IC MICROSYSTEMS

Part # X24645F
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645F Datasheet(HTML) 18 Page - IC MICROSYSTEMS

Back Button X24645F Datasheet HTML 10Page - IC MICROSYSTEMS X24645F Datasheet HTML 11Page - IC MICROSYSTEMS X24645F Datasheet HTML 12Page - IC MICROSYSTEMS X24645F Datasheet HTML 13Page - IC MICROSYSTEMS X24645F Datasheet HTML 14Page - IC MICROSYSTEMS X24645F Datasheet HTML 15Page - IC MICROSYSTEMS X24645F Datasheet HTML 16Page - IC MICROSYSTEMS X24645F Datasheet HTML 17Page - IC MICROSYSTEMS X24645F Datasheet HTML 18Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
X24645
18
ORDERING INFORMATION
Part Mark Convention
Device
X24645
P
T
G -V
G = RoHS Compliant Lead Free package
Blank = Standard package. Non lead free
VCC Range
Blank = 5V ±10%
2.7 = 2.7V to 5.5V
Temperature Range
Blank = 0°C to +70°C
I = –40°C to +85°C
M = –55°C to +125°C
Package
P = 8-Lead Plastic DIP
S8 = 8-Lead SOIC (JEDEC)
P = 8-Lead Plastic DIP
S = 14-Lead SOIC
Blank = 8-Lead SOIC (JEDEC)
V = 20-Lead TSSOP
G = RoHS compliant lead free
Blank = 4.5V to 5.5V, 0°C to +70°C
I = 4.5V to 5.5V, –40°C to +85°C
F = 2.7V to 5.5V, 0°C to +70°C
G = 2.7V to 5.5V, –40°C to +85°C
X24645
XG
X
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no
warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from
patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production
and change specifications and prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses
are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475;
4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign
patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with
appropriate error detection and correction, redundancy and back-up features to prevent such an occurence.
Xicor's products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected
to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of
the life support device or system, or to affect its safety or effectiveness.
S = 14-Lead SOIC
V = 20-Lead TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com