| Electronic Components Datasheet Search |
|
STM32F427IIH6 Datasheet(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IIH6 Datasheet(HTML) 65 Page - STMicroelectronics |
|
65 / 231 page ![]() DocID024030 Rev 6 65/231 STM32F427xx STM32F429xx Pinouts and pin description 83 82 115 C9 C12 143 C4 165 C12 PD1 I/O FT CAN1_TX, FMC_D3, EVENTOUT 83 116 B9 D12 144 A3 166 D12 PD2 I/O FT TIM3_ETR, UART5_RX, SDIO_CMD, DCMI_D11, EVENTOUT 84 117 A9 D11 145 B4 167 C11 PD3 I/O FT SPI2_SCK/I2S2_CK, USART2_CTS, FMC_CLK, DCMI_D5, LCD_G7, EVENTOUT 85 118 D8 D10 146 B5 168 D11 PD4 I/O FT USART2_RTS, FMC_NOE, EVENTOUT 86 119 C8 C11 147 A4 169 C10 PD5 I/O FT USART2_TX, FMC_NWE, EVENTOUT - 120 - D8 148 - 170 F8 VSS S - 121 D6 C8 149 C5 171 E9 VDD S 87 122 B8 B11 150 F4 172 B11 PD6 I/O FT SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, FMC_NWAIT, DCMI_D10, LCD_B2, EVENTOUT 88 123 A8 A11 151 A5 173 A11 PD7 I/O FT USART2_CK, FMC_NE1/FMC_NCE2, EVENTOUT - - - - - - 174 B10 PJ12 I/O FT LCD_B0, EVENTOUT - - - - - - 175 B9 PJ13 I/O FT LCD_B1, EVENTOUT - - - - - - 176 C9 PJ14 I/O FT LCD_B2, EVENTOUT - - - - - - 177 D10 PJ15 I/O FT LCD_B3, EVENTOUT -124 NC (2) C10 152 E5 178 D9 PG9 I/O FT USART6_RX, FMC_NE2/FMC_NCE3, DCMI_VSYNC(8), EVENTOUT Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |