Electronic Components Datasheet Search
  English  ▼

X  

2465 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2465
Description  PowerBoost 1000 Charger - Rechargeable 5V Lipo USB Boost @ 1A - 1000C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2465 Datasheet(HTML) 2 Page - Adafruit Industries

  2465 Datasheet HTML 1Page - Adafruit Industries 2465 Datasheet HTML 2Page - Adafruit Industries 2465 Datasheet HTML 3Page - Adafruit Industries 2465 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
DESCRIPTION
PowerBoost 1000C is the perfect power supply for your portable project! With a
built-in load-sharing battery charger circuit, you'll be able to keep your power-
hungry project running even while recharging the battery! This little DC/DC boost
converter module can be powered by any 3.7V LiIon/LiPoly battery, and convert the
battery output to 5.2V DC for running your 5V projects.
If you dont need the 1A battery charger, smart load-sharing, or 1A iOS resistors,
check out the Powerboost 500C
Like our popular 5V 1A USB wall adapter, we tweaked the output to be 5.2V instead
of a straight-up 5.0V so that there's a little bit of 'headroom' for long cables, high
draw, the addition of a diode on the output if you wish, etc. The 5.2V is safe for all
5V-powered electronics like Arduino, Raspberry Pi, or Beagle Bone while preventing
icky brown-outs during high current draw because of USB cable resistance.
The PowerBoost 1000C has at the heart a TPS61090 boost converter from TI. This
boost converter chip has some really nice extras such as low battery detection, 2A
internal switch, synchronous conversion, excellent efficiency, and 700KHz high-
frequency operation. Check out these specs!
• Synchronous operation means you can disconnect the output completely by
connecting the ENable pin to ground. This will completely turn off the output
• 2A internal switch (~2.5A peak limiting) means you can get 1000mA+ from a
3.7V LiPoly/LiIon battery. Just make sure your battery can handle it!
• Low battery indicator LED lights up red when the voltage dips below 3.2V,
optimized for LiPo/LiIon battery usage
• Onboard 1000mA charge-rate 'iOS' data resistors. Solder in the USB connector
and you can plug in any iPad, iPhone or iPod for 1000mA charge rate.
• Full breakout for battery in, control pins and power out



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com