Electronic Components Datasheet Search
  English  ▼

X  

2466 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2466
Description  Adafruit METRO 328 without Headers - ATmega328
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2466 Datasheet(HTML) 2 Page - Adafruit Industries

  2466 Datasheet HTML 1Page - Adafruit Industries 2466 Datasheet HTML 2Page - Adafruit Industries 2466 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
We sure love the ATmega328 here at Adafruit, and we use them
a lot for our own
projects. The processor has plenty of GPIO, Analog inputs, hardware UART SPI and
I2C, timers and PWM galore - just enough for most simple projects. When we need
to go small, we use a Pro Trinket 3V or 5V, but when size isn't as much of a
concern, and a USB-serial converter is required, we reach for an Adafruit METRO.
METRO is the culmination of years of playing with AVRs: we wanted to make a
development board that is easy to use and is hacker friendly.
• ATmega328 brains - This popular chip has 32KB of flash (1/2 K is reserved
for the bootloader), 2KB of RAM, clocked at 16MHz
• Power the METRO with 7-9V polarity protected DC or the micro USB connector
to any 5V USB source. The 2.1mm DC jack has an on/off switch next to it so you
can turn off your setup easily. The METRO will automagically switch between USB
and DC.
• METRO has 20 GPIO pins, 6 of which are Analog in as well, and 2 of which are
reserved for the USB-serial converter. There's also 6 PWMs available on 3 timers
(1 x 16-bit, 2 x 8-bit). There's a hardware SPI port, hardware I2C port and
hardware UART to USB.
• GPIO Logic level is 5V but by cutting and soldering closed a jumper, you can
easily convert it to 3.3V logic
• USB to Serial converter, there's a hardware USB to Serial converter that can be
used by any computer to listen/send data to the METRO, and can also be used to
launch and update code via the bootloader
• Four indicator LEDs, on the front edge of the PCB, for easy debugging. One
green power LED, two RX/TX LEDs for the UART, and a red LED connected to pin
PB5
• Easy reprogramming, comes pre-loaded with the Optiboot bootloader, which
is supported by avrdude and only uses 512 bytes.
• Beautiful styling by PaintYourDragon and Bruce Yan, in Adafruit Black with
gold plated pads.
• Works with all Adafruit designed shields!
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com