Electronic Components Datasheet Search
  English  ▼

X  

2598 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2598
Description  Assembled Adafruit Feather M0 WiFi - ATSAMD21 ATWINC1500
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2598 Datasheet(HTML) 2 Page - Adafruit Industries

  2598 Datasheet HTML 1Page - Adafruit Industries 2598 Datasheet HTML 2Page - Adafruit Industries 2598 Datasheet HTML 3Page - Adafruit Industries 2598 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
This module works with 802.11b, g, or n networks & supports WEP, WPA and
WPA2 encryption. You can connect to your own WiFi networks or create your
own with "Soft AP" mode, where it becomes its own access point (we have an
example of it creating a webserver that you can then control the Arduino's
pins). You can clock it as fast as 12MHz for speedy, reliable packet streaming.
And scanning/connecting to networks is very fast, just a second or two.
You might be wondering why use this when you can get a HUZZAH Feather? Well,
you get:
A highly-capable Cortex M0+ processor with ton more I/O pins, lots of
12-bit ADCs, a 10-bit DAC, 6 total SERCOMs that can each do SPI,
I2C or UART (3 are used by the existing interfaces, leaving you 3), plenty
of timers, PWMs, DMA, native USB, and more (check out the Datasheet)
The ATWINC has much lower power usage, about 12mA for the WINC &
10mA for the ATSAMD21 with auto-powermanagement on for the WiFi
and no power management for the ARM. With manual power management,
you can get the WiFi module to down to ~2mA by putting it to sleep.
This is compared to the ESP's ~70mA average current draw, and whose
deep sleep mode requires a WDT reset.
We also found that we could stream more reliably (less 'bursty') with the
ATWINC, although altogether the ESP has higher throughput.
You also dont have to 'yield' all the time to the WiFi core, since its a
separate chip. You get full reign of the processor and timing
Of course, both WiFi-capable Feathers have their strengths and tradeoffs, & we
love both equally!
At the Feather M0's heart is an ATSAMD21G18 ARM Cortex M0 processor,
clocked at 48 MHz and at 3.3V logic, the same one used in the new Arduino
Zero. This chip has a whopping 256K of FLASH (8x more than the Atmega328 or
32u4) and 32K of RAM (16x as much)! This chip comes with built in USB so it
has USB-to-Serial program & debug capability built in with no need for an FTDI-
like chip. For advanced users who are comfortable with ASF, the SWDIO/SWCLK
pins are available on the bottom, and when connected to a CMSIS-DAP debugger
can be used to use Atmel Studio for debugging.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com