| Electronic Components Datasheet Search |
|
STM32F427IIY6 Datasheet(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IIY6 Datasheet(HTML) 83 Page - STMicroelectronics |
|
83 / 231 page ![]() Port J PJ8 - - - - - - - - - - - - - - LCD_G1 EVEN TOUT PJ9 - - - - - - - - - - - - - - LCD_G2 EVEN TOUT PJ10 - - - - - - - - - - - - - - LCD_G3 EVEN TOUT PJ11 - - - - - - - - - - - - - - LCD_G4 EVEN TOUT PJ12 - - - - - - - - - - - - - - LCD_B0 EVEN TOUT PJ13 - - - - - - - - - - - - - - LCD_B1 EVEN TOUT PJ14 - - - - - - - - - - - - - - LCD_B2 EVEN TOUT PJ15 - - - - - - - - - - - - - - LCD_B3 EVEN TOUT Port K PK0 - - - - - - - - - - - - - - LCD_G5 EVEN TOUT PK1 - - - - - - - - - - - - - - LCD_G6 EVEN TOUT PK2 - - - - - - - - - - - - - - LCD_G7 EVEN TOUT PK3 - - - - - - - - - - - - - - LCD_B4 EVEN TOUT PK4 - - - - - - - - - - - - - - LCD_B5 EVEN TOUT PK5 - - - - - - - - - - - - - - LCD_B6 EVEN TOUT PK6 - - - - - - - - - - - - - - LCD_B7 EVEN TOUT PK7 - - - - - - - - - - - - - - LCD_DE EVEN TOUT 1. The DCMI_VSYNC alternate function on PG9 is only available on silicon revision 3. Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/ 10/11 I2C1/ 2/3 SPI1/2/ 3/4/5/6 SPI2/3/ SAI1 SPI3/ USART1/ 2/3 USART6/ UART4/5/7 /8 CAN1/2/ TIM12/13/14 /LCD OTG2_HS /OTG1_ FS ETH FMC/SDIO /OTG2_FS DCMI LCD SYS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |