Electronic Components Datasheet Search
  English  ▼

X  

2743 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2743
Description  SWD (2x5 1.27mm) Cable Breakout Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2743 Datasheet(HTML) 2 Page - Adafruit Industries

  2743 Datasheet HTML 1Page - Adafruit Industries 2743 Datasheet HTML 2Page - Adafruit Industries 2743 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
This adapter board is designed to make it easier to use ARM dev boards that use
slimmer 2x5 (0.05"/1.27mm pitch) SWD cables for programming.  It's helpful for
using products like the JTAGulator, STLink or SEGGER J-Link with tiny boards that
use the 10-pin SWD programming connector, often Cortex M0 or M3's.
This board comes with no cables.  It's really just the breakout board and some
header if you need it - but is super helpful when you want to use JTAG/SWD
debugging. We do stock the SWD cable if you need one here and have a 'classic'
JTAG to SWD converter board here.
10/22/2015
https://www.adafruit.com/products/2743



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com