Electronic Components Datasheet Search
  English  ▼

X  

2745 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2745
Description  LM3671 3.3V Buck Converter Breakout - 3.3V Output 600mA Max
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2745 Datasheet(HTML) 2 Page - Adafruit Industries

  2745 Datasheet HTML 1Page - Adafruit Industries 2745 Datasheet HTML 2Page - Adafruit Industries 2745 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Your power supply problems just got SUPER SOLVED! This 3.3V Buck Converter
Breakout board is great for supplying power to low voltage circuits from a single
Li-Ion cell battery or USB power.  This chip provides up to 600-mA load current
across the entire input voltage range of 3.5 to 5.5V.  Great for your portable
project, we made this "pin compatible" with the LM1117-3.3V TO-220 chip so you
can swap it in for better performance (90-95% efficiency!) There's also an ENable
pin, tie it low to shut down the output completely.
There's a 2-MHz fixed-frequency in PWM mode and PFM mode extends the battery
life by reducing the current during light load or standby operation.
Comes with a fully assembled and tested breakout board.  We also include header
to plug it into a breadboard.
10/22/2015
https://www.adafruit.com/products/2745



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com