Electronic Components Datasheet Search
  English  ▼

X  

2756 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2756
Description  Teensy 3.2 header
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2756 Datasheet(HTML) 2 Page - Adafruit Industries

  2756 Datasheet HTML 1Page - Adafruit Industries 2756 Datasheet HTML 2Page - Adafruit Industries 2756 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Please note: Teensy 3 and 2 are not official Arduino‐brand products. Although the Teensyduino IDE has 
been adapted so that many simple Arduino projects will work with the Teensy, there will still be a lot of 
libraries and shields that will not work with this device! If you're new to microcontrollers, we suggest 
going with a classic Arduino UNO since all Arduino projects, examples and libraries will work with it. 
Once headers are installed they can be fitted into 0.6" wide sockets 
 
Technical Specifications: 
o
32 bit ARM Cortex‐M4 72MHz CPU (M4 = DSP extensions) Here is Freescale's reference 
manual for the chip (warning 1227 pages) as well as the Datasheet and User Guide! 
o
http://cache.freescale.com/files/32bit/doc/ref_manual/K20P64M50SF0RM.pdf
 
o
http://cache.freescale.com/files/32bit/doc/data_sheet/K20P64M50SF0.pdf
 
o
http://cache.freescale.com/files/32bit/doc/quick_ref_guide/KQRUG.pdf
 
o
256K Flash Memory, 64K RAM, 2K EEPROM 
o
21* High Resolution Analog Inputs (13 bits usable, 16 bit hardware) 
o
34* Digital I/O Pins (21 shared with analog) 
o
12 PWM outputs 
o
1 12‐bit DAC output 
o
8 Timers for intervals/delays, separate from PWM 
o
USB with dedicated DMA memory transfers 
o
CAN bus 
o
3 UARTs (serial ports) 
o
SPI, I2C, I2S, IR modulator 
o
I2S (for high quality audio interface) 
o
Real Time Clock (with user‐added 32.768 crystal and battery) 
o
16 general purpose DMA channels (separate from USB) 
o
Touch Sensor Inputs 
  
Technical Details 
o
Dimensions: 18mm x 37mm x 4mm / 1.4" x 0.7" 
o
Teensy 3 schematic https://cdn‐shop.adafruit.com/product‐files/2756/2756+schem.gif 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com