Electronic Components Datasheet Search
  English  ▼

X  

2799 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2799
Description  Particle Photon Internet Button
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2799 Datasheet(HTML) 2 Page - Adafruit Industries

  2799 Datasheet HTML 1Page - Adafruit Industries 2799 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details
o
Diameter: 71mm / 2.8"
o
Height: 23mm / 0.9"
o
11 individually controllable RGB LEDs
o
ADXL362 3-axis accelerometer
o
4 tactile buttons for D-pad style interactions
o
Female socket for connection to Photon
o
Additional female headers for adding extra actuators and sensors
o
Backward compatible with the Core
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/2799 5‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com