Electronic Components Datasheet Search
  English  ▼

X  

2901 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2901
Description  HiFiBerry DAC HAT - Standard RCA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2901 Datasheet(HTML) 2 Page - Adafruit Industries

  2901 Datasheet HTML 1Page - Adafruit Industries 2901 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This board is ONLY compatible with the Raspberry Pi 2 Model B, Pi 3 Model B, and the Pi Models
A+ and B+! While we haven't tested it with the Pi Zero, it likely works with it!
Technical Details
o
56.4mm x 64.8mm / 2.2" x 2.55"
o
Height (with sockets and RCA jacks): ~20mm / ~0.8"
o
Weight: 18.8g
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/2901 4‐10‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com