Electronic Components Datasheet Search
  English  ▼

X  

2940 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2940
Description  Short Feather Headers Kit - 12-pin and 16- pin Female Header Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2940 Datasheet(HTML) 2 Page - Adafruit Industries

  2940 Datasheet HTML 1Page - Adafruit Industries 2940 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
These two Short Female Headers alone are, well, lonely. But pair them with any of
our Feather boards and you're in business!
These headers are particularly cute and tiny with a body height of just 5.0 mm they
are the best way to minimize the amount of space your Feather project takes up,
but still maintain that flexible configuration. "Normal" socket headers have an
8.5mm body height so this saves you a whole 3.5mm (hey it adds up!) For ultimate
skinniness, you may need to cut the male headers on your Featherwings down by a
few mm.
What do they do? They get soldered on either side of the Feather board. Now you
can plug in FeatherWings to add more capability to your portable project. Unlike
our Feather Stacking Headers, they aren't designed to 'stack', but they're way more
compact.
Check out all of our Feather boards, FeatherWings, and Feather accessories here!
Note: Comes with one 12-pin and one 16-pin header, Feathers not included
Page 2 of 2
2/1/2016
https://www.adafruit.com/product/2940



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com