Electronic Components Datasheet Search
  English  ▼

X  

2945 Datasheet(PDF) 3 Page - Adafruit Industries

Part # 2945
Description  NeoPixel FeatherWing - 4x8 RGB LED Addon For All Feather Boards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2945 Datasheet(HTML) 3 Page - Adafruit Industries

  2945 Datasheet HTML 1Page - Adafruit Industries 2945 Datasheet HTML 2Page - Adafruit Industries 2945 Datasheet HTML 3Page - Adafruit Industries 2945 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A level-up shifter converts the 3.3V logic of the Feather to the power line voltage.
If, say, you need MORE blinky, you can chain these together. For the second Wing,
connect the DIN connection to the first Wing's DOUT. Also connect a ground pin
together and power with an independant 5V supply to keep from loading the power
supply too much.
Our detailed NeoPixel Uberguide has everything you need to use NeoPixels in any
shape and size. Including ready-to-go library & example code for the Arduino
UNO/Duemilanove/Diecimila, Flora/Micro/Leonardo, Trinket/Gemma, Arduino Due
& Arduino Mega/ADK (all versions)
1/15/2016
https://www.adafruit.com/products/2945



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com