Electronic Components Datasheet Search
  English  ▼

X  

2971 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2971
Description  Ethernet Shield for Arduino - W5500 Chipset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2971 Datasheet(HTML) 2 Page - Adafruit Industries

  2971 Datasheet HTML 1Page - Adafruit Industries 2971 Datasheet HTML 2Page - Adafruit Industries 2971 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The board includes a microSD card holder and has a working voltage of 5V. It
also requires an Arduino to use - either Uno or Mega - to use. To learn more
about this ethernet shield, check out the Seeedstudio Wiki.
We recommend the original Ethernet library, it now comes with W5500-chip
support! Some examples may try to initialize the SD card after the Ethernet chip,
we recommend doing it in opposite order - get the SD card initialized first
(some cards seem to care about this)
Note this product does not have PoE support, but you can add it by the addition
of a PoE splitter. We have a version that provides 5V at 2.4 Amp max into a
micro USB connector just check that your Arduino-compatible can be powered
over a micro USB connection!
TECHNICAL DETAILS
Supports Hardwired TCP/IP Protocols : TCP, UDP, ICMP, IPv4, ARP, IGMP,
PPPoE
Supports 8 independent sockets simultaneously
Supports Power down mode
Supports Wake on LAN over UDP
Supports High Speed Serial Peripheral Interface(SPI MODE 0, 3)
Internal 32Kbytes Memory for TX/RX Buffers
10BaseT/100BaseTX Ethernet PHY embedded
Supports Auto Negotiation (Full and half duplex, 10 and 100* based )
Not supports IP Fragmentation
3.3V operation with 5V I/O signal tolerance
LED outputs (Full/Half duplex, Link, Speed, Active)
Micro-SD card socket
Grove connector for I2C and UART
Product Dimensions: 71.0mm x 53.0mm x 23.0mm / 2.8" x 2.1" x 0.9"
Product Weight: 25.0g / 0.9oz
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com