Electronic Components Datasheet Search
  English  ▼

X  

3015 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3015
Description  PiGRRL 2.0 Custom Gamepad PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3015 Datasheet(HTML) 2 Page - Adafruit Industries

  3015 Datasheet HTML 1Page - Adafruit Industries 3015 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Comes with just the PCB! Best for people who already have the rest of the parts, or are doing a custom 
build. Check out the PiGrrl2 tutorial guide for schematics, details, files, and more. 
https://cdn‐learn.adafruit.com/downloads/pdf/pigrrl‐2.pdf 
Technical Details
o
85mm x 48mm x 1.6mm / 3.35" x 1.9" x 0.06" 
o
Weight: 12.9g 
 
 
 
 
 
 
 
 
 
 
 
 
                                               https://www.adafruit.com/product/3015 7‐26‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com