Electronic Components Datasheet Search
  English  ▼

X  

3017 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3017
Description  Pimoroni Scroll pHAT - 11x5 LED Matrix for Raspberry Pi Zero
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3017 Datasheet(HTML) 2 Page - Adafruit Industries

  3017 Datasheet HTML 1Page - Adafruit Industries 3017 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Kit includes: Assembled Scroll pHAT PCB & 2x20 0.1" female GPIO header, some light soldering is
required to attach the header on, or you can of course solder the pHAT right onto the Pi Zero
At the heart of Scroll pHAT is ISSI's IS31FL3730 matrix LED driver chip. It can drive multiple LED
matrix and segment display formats and also supports controllable display brightness. You can find the
Python library on Github.
Technical Details
o
IS31FL3730 Datasheet http://www.issi.com/WW/pdf/31FL3730.pdf
o
65mm x 30mm x 2.2mm / 2.56" x 1.18" x 0.09"
o
Weight (assembled): 10.7g
For product support, replacement parts and warranty for Pimoroni products visit the Pimoroni forum or
contact Pimoroni directly.
                               Engineered in NYC Adafruit ® https://www.adafruit.com/product/3017 4‐13‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com