Electronic Components Datasheet Search
  English  ▼

X  

3018 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3018
Description  Pimoroni Explorer pHAT for Raspberry Pi Zero
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3018 Datasheet(HTML) 2 Page - Adafruit Industries

  3018 Datasheet HTML 1Page - Adafruit Industries 3018 Datasheet HTML 2Page - Adafruit Industries 3018 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features:
Python API
Four analog inputs - A tidy way to integrate analog signals into your
project.
Two H-bridge motor drivers - Drive two 5V motors bidirectionally with up
to 200mA per channel. Ideal with our micro-metal gear-motors to create
the perfect little buggy! You can even soft-PWM for full speed control.
Four buffered 5V tolerant inputs - Hook up your Pi to accept input from
5V systems (like Arduino Uno/Leonardo or 5V Trinkets). We've used a 5-
channel buffer that will accept anything from 2V-5V as logic high.
Four powered 5V outputs (up to 500mA!) - The onboard darlington array
can supply up to 500mA per channel (but you'll be limited to driving
around 1A total from the board). Ideal for stepper motors, solenoids, and
relays.
Kit includes: Assembled Explorer HAT PCB, one 2x20 0.1" female GPIO header,
and one 1x20 0.1" female header. Some light soldering is required to attach the
header on, or you can of course solder the pHAT right onto the Pi Zero
Check out Pimonori's full Python library, documentation and examples.
Raspberry Pi not included!
TECHNICAL DETAILS
65mm x 30mm x 2.2mm / 2.56" x 1.18" x 0.09"
Weight (assembled): 10.5g
For product support, replacement parts and warranty for Pimoroni products visit
the Pimoroni forum or contact Pimoroni directly.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com