Electronic Components Datasheet Search
  English  ▼

X  

3078 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3078
Description  Adafruit Feather 32u4 RFM95W LoRa Radio - 900MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3078 Datasheet(HTML) 2 Page - Adafruit Industries

  3078 Datasheet HTML 1Page - Adafruit Industries 3078 Datasheet HTML 2Page - Adafruit Industries 3078 Datasheet HTML 3Page - Adafruit Industries 3078 Datasheet HTML 4Page - Adafruit Industries 3078 Datasheet HTML 5Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-
DESCRIPTION
Coming soon! Sign up to get notified when we will have these in stock.
Feather is the new development board from Adafruit, and like its namesake it is
thin, light, and lets you fly! We designed Feather to be a new standard for portable
microcontroller cores.
This is the Adafruit Feather 32u4 LoRa Radio (RFM95W) 900MHz -our take on an
microcontroller packet radio transceiver with built in USB and battery charging. Its
an Adafruit Feather 32u4 with a Long Range 900 MHz radio module cooked in!
Great for making wireless networks that can go much further than 2.4GHz
802.15.4 and similar, are more flexible than Bluetooth LE and without the high
power requirements of WiFi. We have other boards in the Feather family, check'em
out here.
This is the 900 MHz radio version, which can be used for either 868MHz or
915MHz transmission/reception. We also sell a 433MHz version of the same radio
chipset! And if you don't need LoRa radio, we have plain 900MHz packet radios as
well



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com