Electronic Components Datasheet Search
  English  ▼

X  

3079 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3079
Description  Adafruit Feather 32u4 RFM96W LoRa Radio - 433MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3079 Datasheet(HTML) 2 Page - Adafruit Industries

  3079 Datasheet HTML 1Page - Adafruit Industries 3079 Datasheet HTML 2Page - Adafruit Industries 3079 Datasheet HTML 3Page - Adafruit Industries 3079 Datasheet HTML 4Page - Adafruit Industries 3079 Datasheet HTML 5Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-
DESCRIPTION
Coming soon! Sign up to get notified when we will have these in stock.
Feather is the new development board from Adafruit, and like its namesake it is
thin, light, and lets you fly! We designed Feather to be a new standard for portable
microcontroller cores.
This is the Adafruit Feather 32u4 LoRa Radio (RFM95W) 433MHz -our take on an
microcontroller packet radio transceiver with built in USB and battery charging. Its
an Adafruit Feather 32u4 with a 433 MHz radio module cooked in! Great for
making wireless networks that can go much further than 2.4GHz 802.15.4 and
similar, are more flexible than Bluetooth LE and without the high power
requirements of WiFi. We have other boards in the Feather family, check'em out
here.
This is the 433 MHz radio version. We also sell a 900MHz version of the same radio
chipset which can be used for 868 or 915 MHz! And if you don't need LoRa radio,
we have plain 433MHz packet radios as well



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com