Electronic Components Datasheet Search
  English  ▼

X  

3089 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3089
Description  Adafruit 14-Segment Alphanumeric LED FeatherWing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3089 Datasheet(HTML) 2 Page - Adafruit Industries

  3089 Datasheet HTML 1Page - Adafruit Industries 3089 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Display, elegantly, 012345678 or 9! Gaze, hypnotized, at ABCDEFGHIJKLM - well it can display the
whole alphabet. You get the point.
A Feather board without ambition is a Feather board without FeatherWings! This is the Adafruit 0.56"
4-Digit 14-Segment Display FeatherWing! This 14-segment FeatherWing backpack makes it really
easy to add a bright alphanumeric display that shows letters and numbers in a beautiful hue. It's
super bright and designed for viewing from distances up to 23 feet (7 meters) away.
Works with any and all Feathers!
14-Segment Matrices like these are 'multiplexed' - so to control all the fourteen-segment LEDs you need 18
pins. That's a lot of pins, and there are driver chips like the MAX7219 that can control a matrix for you but
there's a lot of wiring to set up and they take up a ton of space. Wouldn't it be awesome if you could control a
matrix without tons of wiring? That's where these Alphanumeric LED Matrix FeatherWings come in, they
make it really easy to add a 4-digit alphanumeric display with decimal points.
The LEDs themselves do not connect to the Feather. Instead, a matrix driver chip (HT16K33) does the
multiplexing for you. The Feather simply sends i2c commands to the chip to tell it what LEDs to light
up and it is handled for you. This takes a lot of the work and pin-requirements off the Feather. Since
it uses only I2C for control, it works with any Feather and can share the I2C pins for other sensors or
displays.
This product kit comes with:
A fully tested and assembled Adafruit 4-Digit 14-Segment Alphanumeric Display FeatherWing
Two sixteen pin headers
A bit of soldering is required to attach the matrix onto the FeatherWing but its very easy to do and
only takes about 5 minutes!  Note: Feather board and 14-segment display are not included, but we
have lots available in the shop.
Of course, in classic Adafruit fashion, we also have a detailed tutorial showing you how to solder, wire
and control the display. We even wrote a very nice library for the backpacks so you can get running in
under half an hour, displaying images on the matrix or numbers on the 14-segment. If you've been
eyeing matrix displays but hesitated because of the complexity, this is the solution you've been
looking for.
Technical Details
51mm x 23mm x 4.2mm / 2.0" x 0.9" x 0.165"
Weight (just the Wing): 4.8g
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com