Electronic Components Datasheet Search
  English  ▼

X  

3100 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3100
Description  Raspberry Pi NoIR Camera Board v2 - 8 Megapixels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3100 Datasheet(HTML) 2 Page - Adafruit Industries

  3100 Datasheet HTML 1Page - Adafruit Industries 3100 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
And we also have the new 8 megapixel version of the popular classic Raspberry Pi Camera Board!
The upgraded Raspberry Pi NoIR Camera board v2 features: 
Improved Resolution 
8 megapixel native resolution high quality Sony IMX219 image sensor
Cameras are capable of 3280 x 2464 pixel static images 
Remaining High Quality 
Capture video at 1080p30, 720p60 and 640x480p90 resolutions
All software is supported within the latest version of Raspbian Operating System
No Infrared filter making it perfect for taking Infrared photographs or photographing objects in
low light (twilight) conditions
1.4 µm X 1.4 µm pixel with OmniBSI technology for high performance (high sensitivity, low
crosstalk, low noise)
Optical size of 1/4"
Note: Raspberry Pi not included!
Technical Details
Dimensions: 25mm x 23mm x 9mm / 0.98" x 0.90" x 0.35"
Weight (camera board + attached cable): 3.4g
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com