Electronic Components Datasheet Search
  English  ▼

X  

26.01 Datasheet(PDF) 1 Page - Finder Relays, Inc.

Part # 26.01
Description  26 SERIES Step relays 10 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

26.01 Datasheet(HTML) 1 Page - Finder Relays, Inc.

  26.01 Datasheet HTML 1Page - Finder Relays, Inc. 26.01 Datasheet HTML 2Page - Finder Relays, Inc. 26.01 Datasheet HTML 3Page - Finder Relays, Inc. 26.01 Datasheet HTML 4Page - Finder Relays, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
K
1 or 2 Pole electromechanical step relay with
electrically separate coil and contact circuits
• Choice of 6 switching sequences
• Screw terminal connections
• AC coil
• Panel mount
• Cadmium free contact material
26.01/02/04/06/08/03
Screw terminal
26.01
26.02, 04, 06, 08
26.03
• Single phase switch 1 NO
(SPST-NO)
• Double phase switch 2 NO
(DPST-NO)
• 1 NO + 1 NC
(SPST-NO + SPST-NC)
For outline drawing see page 4
Contact specification
Number of contacts
1 NO (SPST-NO)
2 NO (DPST-NO)
1NO+1NC (SPST-NO+SPST-NC)
Rated current/Maximum peak current
A
10/20
10/20
10/20
Rated voltage/
Maximum switching voltage
V AC
250/400
250/400
250/400
Rated load AC1
VA
2500
2500
2500
Rated load AC15 (230 V AC)
VA
500
500
500
Nominal lamp rating:
230 V incandescent/halogen W
800
800
800
fluorescent tubes with
electronic ballast W
400
400
400
fluorescent tubes with
electromechanical ballast W
360
360
360
CFL W
200
200
200
230 V LED W
200
200
200
LV halogen or LED with
electronic ballast W
200
200
200
LV halogen or LED with
electromechanical ballast W
400
400
400
Minimum switching load
mW (V/mA)
1000 (10/10)
1000 (10/10)
1000 (10/10)
Standard contact material
AgNi
AgNi
AgNi
Coil specification
Nominal voltage (UN)
V AC (50 Hz)
12 - 24 - 48 - 110 - 230
12 - 24 - 48 - 110 - 230
12 - 24 - 48 - 110 - 230
V DC
—
—
—
Rated power AC/DC
VA (50 Hz)/W
4.5/—
4.5/—
4.5/—
Operating range
AC (50 Hz)
(0.8…1.1)UN
(0.8…1.1)UN
(0.8…1.1)UN
DC
—
—
—
Technical data
Mechanical life AC/DC
cycles
300 · 103
300 · 103
300 · 103
Electrical life at rated load in AC1
cycles
100 · 103
100 · 103
100 · 103
Minimum/Maximum impulse duration
0.1 s/1 h (according to EN 60669) 0.1 s/1 h (according to EN 60669) 0.1 s/1 h (according to EN 60669)
Insulation between
coil and contacts (1.2/50 µs)
kV
4
4
4
Ambient temperature range
°C
–40…+40
–40…+40
–40…+40
Protection category
IP 20
IP 20
IP 20
Approvals (according to type)
1
26
SERIES
26 SERIES
Step relays 10 A


Similar Part No. - 26.01

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
26.07.11 CONEC-26.07.11 Datasheet
248Kb / 2P
D-SUB COMBINATION FEMALE 21WA4S
26.07.11
More results

Similar Description - 26.01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-2585 NI-PXI-2585 Datasheet
205Kb / 3P
10-Channel, 12 A SPST (Form A) Relays/Multiplexer
logo
Schneider Electric
LR3D14 SCHNEIDER-LR3D14 Datasheet
159Kb / 3P
TeSys LRD thermal overload relays - 7...10 A - class 10A
Dec 24, 2020
LR3D146 SCHNEIDER-LR3D146 Datasheet
180Kb / 3P
TeSys LRD thermal overload relays - 7...10 A - class 10A
Dec 24, 2020
LRD14L SCHNEIDER-LRD14L Datasheet
157Kb / 3P
TeSys LRD thermal overload relays - 7...10 A - class 20
Dec 24, 2020
LRD143 SCHNEIDER-LRD143 Datasheet
144Kb / 3P
TeSys LRD thermal overload relays - 7...10 A - class 10A
Dec 24, 2020
LRD146 SCHNEIDER-LRD146 Datasheet
118Kb / 3P
TeSys LRD thermal overload relays - 7...10 A - class 10A
Dec 24, 2020
LR9D5369 SCHNEIDER-LR9D5369_V01 Datasheet
145Kb / 3P
TeSys Deca thermal overload relays - 90...150 A - class 10
May 25, 2022
LRD14L SCHNEIDER-LRD14L_V01 Datasheet
116Kb / 3P
TeSys Deca thermal overload relays - 7...10 A - class 20
May 25, 2022
LRD143 SCHNEIDER-LRD143_V01 Datasheet
114Kb / 3P
TeSys Deca thermal overload relays - 7...10 A - class 10A
May 30, 2022
LRD146 SCHNEIDER-LRD146_V01 Datasheet
132Kb / 3P
TeSys Deca thermal overload relays - 7...10 A - class 10A
May 30, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com