Electronic Components Datasheet Search
  English  ▼

X  

WHS3 Datasheet(PDF) 4 Page - TT Electronics.

Part # WHS3
Description  Wirewound High Surge Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WHS3 Datasheet(HTML) 4 Page - TT Electronics.

  WHS3 Datasheet HTML 1Page - TT Electronics. WHS3 Datasheet HTML 2Page - TT Electronics. WHS3 Datasheet HTML 3Page - TT Electronics. WHS3 Datasheet HTML 4Page - TT Electronics. WHS3 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Hairpin
Goalpost
Lancet
ZI-form
Also a 2W and 3W radial taped version is available as shown below
* Although body dimensions differ slightly, WHSP2R Performance and Electrical Data are identical to those of WHS2
Radial Taped Dimensions (mm)
Dimension
Notation
WHSP2R*
WHS3R
Component body length
L
10.0 Max
14.5 Max
Component body diameter
D
4.0 Max
5.8 Max
Terminal lead diameter
d
0.8 Nom
Component pitch
P
12.7±0.5
12.7±1.0
Hole pitch
Po
12.7±0.2
12.7±0.3
Component to hole offset
P1
3.85±0.3
3.85±0.7
P2
5.85±0.5
6.35±1.3
Lead pitch
F
5.0
+0.75 -0.34
5.0±1.0
Width of backing strip
W
18.0±0.3
18.0±1.0
Position of hole
W1
9.0±0.25
9.0±0.5
Diameter of hole
Do
4.0±0.3
Height to lead form
Ho
16.0±0.3
17.0±1.0
Height from lead form
Ho1
17.0 Max
23.0 Max
Height to resistor
Ho2
18.0 Min
Width of adhesive tape
W0
15.0±0.5
Length of protrusion
l
<2.5
Form dimensions
K1
2.0±0.3
K2
3.0±0.5
K3
1.5±0.25
K4
1.0±0.2
K5
--
2.0 Min
WHS Series
Wirewound High Surge Resistors
10.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com