Electronic Components Datasheet Search
  English  ▼

X  

XC6221A Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6221A
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221A Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6221A Datasheet HTML 9Page - Torex Semiconductor XC6221A Datasheet HTML 10Page - Torex Semiconductor XC6221A Datasheet HTML 11Page - Torex Semiconductor XC6221A Datasheet HTML 12Page - Torex Semiconductor XC6221A Datasheet HTML 13Page - Torex Semiconductor XC6221A Datasheet HTML 14Page - Torex Semiconductor XC6221A Datasheet HTML 15Page - Torex Semiconductor XC6221A Datasheet HTML 16Page - Torex Semiconductor XC6221A Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
XC6221
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6221x302
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
22.5
33.5
4
Input Voltage: V
IN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
XC6221x302
2.8
2.85
2.9
2.95
3
3.05
3.1
44.5
55.5
6
Input Voltage: V
IN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
CE=VIN, Topr=25℃
CIN=CL=1.0uF (ceramic)
CE=VIN, Topr=25℃
CIN=CL=1.0uF (ceramic)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
XC6221x182
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
50
100
150
200
Output Current: I
OUT (mA)
Topr=85℃
Topr=25℃
Topr=-40℃
XC6221x302
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
50
100
150
200
Output Current: I
OUT (mA)
Topr=85℃
Topr=25℃
Topr=-40℃
CE=VIN, Topr=25℃
CIN=CL=1.0uF (ceramic)
CE=VIN, Topr=25℃
CIN=CL=1.0uF (ceramic)
XC6221x302
2.9
2.95
3
3.05
3.1
-50
-25
0
25
50
75
100
Ambient Temperature: Topr (℃)
XC6221x182
1.7
1.75
1.8
1.85
1.9
-50
-25
0
25
50
75
100
Ambient Temperature: Topr (℃)
VIN=CE=4.0V, IOUT=30mA
CIN=CL=1.0uF (ceramic)
VIN=CE=2.8V, IOUT=30mA
CIN=CL=1.0uF (ceramic)
(2) Output Voltage vs. Input Voltage (Continued)
(3) Dropout Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com