Electronic Components Datasheet Search
  English  ▼

X  

524 03 Datasheet(PDF) 7 Page - Legrand North America, LLC

Part # 524 03
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

524 03 Datasheet(HTML) 7 Page - Legrand North America, LLC

Back Button 524 03 Datasheet HTML 3Page - Legrand North America, LLC 524 03 Datasheet HTML 4Page - Legrand North America, LLC 524 03 Datasheet HTML 5Page - Legrand North America, LLC 524 03 Datasheet HTML 6Page - Legrand North America, LLC 524 03 Datasheet HTML 7Page - Legrand North America, LLC 524 03 Datasheet HTML 8Page - Legrand North America, LLC 524 03 Datasheet HTML 9Page - Legrand North America, LLC 524 03 Datasheet HTML 10Page - Legrand North America, LLC 524 03 Datasheet HTML 11Page - Legrand North America, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX 537 XX - 538
XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
Material
Weight
Drill hole
Dimensions
(kg)
A
B
C
øD ød
øT
E
F
G
H
I
J
K
LV 16 A
2 P +
T
Plastic
0.110
52
60
28
55 14.5 4.2
64
72
41
40
94
5.5 78.5
Metal
0.340
3 P +
T
Plastic
0.140
60
70
31 63.5 14.5 5.2
74
84
44
40
98
5.5
88
Metal
0.405
3 P + N +
T
Plastic
0.165
60
70
33 70.6
-
5.2
80
84
44
44
110 5.5
93
Metal
0.450
LV 63 A
2 P +
T
Plastic
0.600
77
85
-
92
-
6.5 106 106 98
70 160
6
129
Metal
0.950
3 P +
T
Plastic
0.640
77
85
-
92
-
6.5 106 106 98
70 160
6
129
Metal
1.000
3 P + N +
T
Plastic
0.700
77
85
-
92
-
6.5 106 106 98
70 160
6
129
Metal
1.200
ELV 16 A
2 P
Plastic
0.120
52
60
30
55
-
4.2
64
33
47
40
94
5.5 78.5
ELV 32 A
2 P
Plastic
0.120
52
60
30
55
-
4.2
64
33
47
40
94
5.5 78.5
3. DIMENSIONS
IP 44 16 and 63A LV - 16 and 32A ELV
panel-mounted sockets (inclined)
E
J
H
G
20
I
A
Ø D
Drilling
Ø T
Ø d
=
=
Panel mounting sockets 70x70 16/ 32A IP44
A
E
Ød
Ø
Ø D
GH
J
I
10
Drilling
Weight
AB
C
Ø D Ø d d1
E
F
G
H
I
J
K
Ø
(kg)
LV 16 A
2 P +
T
0.110
70
70
35 76.2
/
/
84
84
37
36
89
4.5
88
4.2
3 P +
T
0.140
70
70
35 76.2
/
/
84
84
43
36
97
4.5
89
4.2
3 P + N +
T 0.165 70 70 35 76.2 /
/
84
84
43
37 106 4.5
91
4.2
LV 32 A
2 P +
T
0.220
70
70
35 76.2
/
/
84
94
54
45 117 4.5 100
4.2
3 P +
T
0.220
70
70
35 76.2
/
/
84
94
54
45 117 4.5 100
4.2
3 P + N +
T 0.255 70 70 35 76.2 8
36
84
94
54
46 125 4.5 102
4.2
3. DIMENSIONS (continued)
Panel mounting sockets IP 66/67 63 and 125A
Note : The surface mounting sockets are achieved with the assembling
of the panel mounting socket and the box.
20
E
L
GH
I
J
A
Ø T
Ø D
Weight
Drill hole
Dimensions
(kg)
A
B
C
øD
ød
øT
E
F
G
H
I
J
K
L
LV 63 A
2 P +
T
0.680
77
85 42.5 92
-
6.5 106 106
98
79
158
6
127 113.5
3 P +
T
0.710
77
85 42.5 92
-
6.5 106 106
98
79
158
6
127 113.5
3 P + N +
T 0.770 77 85 42.5 92
-
6.5 106 106
98
79
158
6
127 113.5
LV 125 A
3 P +
T
1.400 124 124
62
120
-
6.5 146 146
84
93
182
8
157 131
3 P + N +
T 1.550 124 124 62 120 -
6.5 146 146
84
93
182
8
157 131
Drilling
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com