Electronic Components Datasheet Search
  English  ▼

X  

WMHP Datasheet(PDF) 1 Page - TT Electronics.

Part # WMHP
Description  Heatsink Mount High Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WMHP Datasheet(HTML) 1 Page - TT Electronics.

  WMHP Datasheet HTML 1Page - TT Electronics. WMHP Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WMHP Series
Features
AEC-Q200 (WMHP20 & WMHP35)
TO-220 & TO-247 standard power packages
Very low thermal resistance
Non-inductive thick film technology
20 to 100 watt high power resistors
Single screw mounting to heatsink
Suitable for high frequency / fast pulse use
Heatsink Mount High Power Resistors
WMHP20
WMHP35 WMHP50
WMHP100
Package style
TO-220
TO-247
20
35
50
100
1.5
2.5
3
3.5
Without heatsink, in free air 25°C
350
700
dc or ac rms
Resistance range
ohms
R05 – 10K
R05 to 100K
Dielectric strength
volts
1800
ac rms for 60s
Working temperature range
°C
-65 to 150
-65 to 175
>10G
Between terminals and tab
Tolerances
%
≤1R0: ±5 >1R0: ±1, ±5
TCR
ppm/°C
≤R20: ±1000 >R20–3R0: ±300 >3R0-10R: ±100 >10R: ±50 25 to 105°C
Standard values
E24 preferred
Test
Performance
Load at Rated Power: 2000hrs at rated power
±∆R%
1
Short Term Overload:
±∆R%
0.5
Damp Heat with Load:
±∆R%
1
Thermal Shock: -65°C/150°C, 100cycles
±∆R%
0.3
Terminal Strength: 2.4N pull test
±∆R%
0.2
WMHP Series
TO-220 & TO-247 standard power packages
Very low thermal resistance
Tailored heatsink WMHP-HS available
Suitable for high frequency / fast pulse use
Electrical Data
Physical Data
Performance Data
Heatsink Mount High Power Resistors
Resistors
Dimensions (mm) & Weight (g)
TO-220
TO-247
A
10.16 ±0.25
15.75 ±0.26
B
15 ±0.3
20.7 ±0.26
C
4.6 ±0.2
4.95 ±0.26
D
3.85 ±0.15
3.63 ±0.1
E
13.75 ±0.5
14.48 ±1.27
F
4 max
2.79 ±0.76
G
5.08 ±0.25
3.63 ±0.18
H
0.78 ±0.08
1.52 ±0.1
J
1.3 ±0.1
10.16 ±0.26
K
6.4 ±0.25
5.33 ±0.26
L
0.51 ±0.15
0.81 ±0.26
M
2.27 ±0.25
2.41 ±0.26
Wt
2.0 nom
3.7 nom
TO-220
TO-247
BI Technologies IRC Welwyn
09.17
General Note
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
12.22
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - WMHP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WMHP-HS TTELEC-WMHP-HS Datasheet
1Mb / 4P
Heatsink for WMHP Series High Power Resistors
01.22
WMHP-HS-25 TTELEC-WMHP-HS-25 Datasheet
1Mb / 4P
Heatsink for WMHP Series High Power Resistors
01.22
logo
Wall Industries,Inc.
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
WMHPU12A-102 WALL-WMHPU12A-102 Datasheet
218Kb / 5P
90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
WMHPU12A-103 WALL-WMHPU12A-103 Datasheet
218Kb / 5P
90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
More results

Similar Description - WMHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTOP VISHAY-RTOP Datasheet
462Kb / 4P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
14-Jan-04
RPS500 VISHAY-RPS500 Datasheet
279Kb / 4P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
14-Jan-05
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
High Power Resistors
1773285 MACOM-1773285 Datasheet
255Kb / 3P
High Power Resistors
logo
List of Unclassifed Man...
MCHP03W8F4700T5E ETC2-MCHP03W8F4700T5E Datasheet
303Kb / 6P
High Power Resistors
logo
Tyco Electronics
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
High Power Resistors
logo
Vishay Siliconix
RH VISHAY-RH Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
RTOP VISHAY-RTOP_15 Datasheet
156Kb / 6P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
09-Nov-15
RH5 VISHAY-RH5 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com