Electronic Components Datasheet Search
  English  ▼

X  

ULTRA3000 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # ULTRA3000
Description  Ultrasonic sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ULTRA3000 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  ULTRA3000 Datasheet HTML 1Page - Pepperl+Fuchs Inc. ULTRA3000 Datasheet HTML 2Page - Pepperl+Fuchs Inc. ULTRA3000 Datasheet HTML 3Page - Pepperl+Fuchs Inc. ULTRA3000 Datasheet HTML 4Page - Pepperl+Fuchs Inc. ULTRA3000 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ultrasonic sensor
UC2000-30GM-IUR2-V15
5
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Installation conditions
If the sensor is installed in an environment where the temperature can fall below 0 °C, one of these mounting flanges must be used for mounting:
BF30, BF30-F, or BF 5-30.
If the sensor is mounted in a through hole using the included steel nuts, it must be mounted at the middle of the threaded housing. If it must be
mounted at the front end of the threaded housing, plastic nuts with centering ring (optional accessories) must be used.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com