Electronic Components Datasheet Search
  English  ▼

X  

XC6367 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6367
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6367 Datasheet HTML 1Page - Torex Semiconductor XC6367 Datasheet HTML 2Page - Torex Semiconductor XC6367 Datasheet HTML 3Page - Torex Semiconductor XC6367 Datasheet HTML 4Page - Torex Semiconductor XC6367 Datasheet HTML 5Page - Torex Semiconductor XC6367 Datasheet HTML 6Page - Torex Semiconductor XC6367 Datasheet HTML 7Page - Torex Semiconductor XC6367 Datasheet HTML 8Page - Torex Semiconductor XC6367 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
XC6367/XC6368 Series
PWM Controlled,PWM/PFM Switchable Step-up DC/DC Controllers
■
GENERAL DESCRIPTION
The XC6367/68 series are multi-functional step-up DC/DC converter controllers with built-in high speed, low ON resistance
drivers.
High efficiency is possible using an externally connected transistor, coil, diode and capacitor.
Output voltage is selectable in 100mV increments within a range of 1.5V ~ 6.5V (±2.5%). For output voltages outside this
range, we recommend FB version, which has a 1.0V internal reference voltage. Using the FB version, the required output
voltage can be set-up using 2 external resistors.
With a 300kHz oscillation frequency, the size of the external components can be reduced.
Control switches from PWM to PFM during light loads with the XC6368 (PWM/PFM switchable) and the series is highly
efficient from light loads to large output currents.
Soft start time of XC6367/68A, B, and E series is internally set to 10msec and XC6367/68C, D, and F series regulate soft-start
time by connecting resistors and capacitors externally.
During stand-by (CE pin "Low"), supply current is reduced to less than 0.5μA.
■
APPLICATIONS
●
Electronic information organizers
●
Palmtops
●
Cellular and portable phones
●
Portable audio systems
●
Various multi-function power supplies
■
TYPICAL APPLICATION CIRCUIT
■
TYPICAL PERFORMANCE
CHARACTERISTICS
■
FEATURES
Input Voltage Range
: 0.9V ~ 10V
Operating Voltage Range : 2.0V ~ 10V
Output voltage Range : 1.5V ~ 6.5V programmable in
100mV increments (±2.5%)
Oscillation Frequency : 300kHz, 100kHz (±15%)
Custom products for
180kHz, 500kHz
Output Current
: More than 200mA
(VIN=1.8V, VOUT=3.3V)
High Efficiency
: 84% (TYP.)
Stand-by capability
: ISTB=0.5μA (MAX.)
Selection
: Soft-start set-up external
Output voltage set-up internal (VOUT)
Output voltage set-up external (FB)
PWM/PFM Switching Control (XC6368)
Package
: SOT-25
☆
GO-Compatible
ETR0401_001


Similar Part No. - XC6367

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6367 TOREX-XC6367 Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367A TOREX-XC6367A Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367A151ML TOREX-XC6367A151ML Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367A151ML TOREX-XC6367A151ML Datasheet
1Mb / 27P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results

Similar Description - XC6367

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
PWM Controlled Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
193Kb / 10P
PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
PWM Controlled Step-Up DC/DC Controllers
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com