Electronic Components Datasheet Search
  English  ▼

X  

PAL16R8 Datasheet(PDF) 24 Page - Texas Instruments

Part # PAL16R8
Description  HIGH-PERFORMANCE IMPACT-X E PAL) CIRCUITS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAL16R8 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PAL16R8 Datasheet HTML 20Page - Texas Instruments PAL16R8 Datasheet HTML 21Page - Texas Instruments PAL16R8 Datasheet HTML 22Page - Texas Instruments PAL16R8 Datasheet HTML 23Page - Texas Instruments PAL16R8 Datasheet HTML 24Page - Texas Instruments PAL16R8 Datasheet HTML 25Page - Texas Instruments PAL16R8 Datasheet HTML 26Page - Texas Instruments PAL16R8 Datasheet HTML 27Page - Texas Instruments PAL16R8 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
TIBPAL16R4-5C, TIBPAL16R6-5C, TIBPAL16R8-5C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS011D – D3359, OCTOBER 1989 – REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
24
By using the described test circuit, MTBF can be determined for several different values of
∆t (see Figure 9).
Plotting this information on semilog scale demonstrates the metastable characteristics of the selected flip-flop.
Figure 11 shows the results for the TIBPAL16’-5C operating at 1 MHz.
0
1020
3040
506070
10 1
10 2
10 3
10 4
10 5
10 6
10 7
10 8
10 9
∆t – Time Difference – ns
fclk = 1 MHz
fdata = 500 kHz
10 yr
1 yr
1 mo
1 day
1 wk
1 hr
1 min
10 s
Figure 11. Metastable Characteristics
From the data taken in the above experiment, an equation can be derived for the metastable characteristics at
other clock frequencies.
The metastable equation:
1
MTBF
+ f
SCLK
xf
data
xC1e (*C2 x Dt)
The constants C1 and C2 describe the metastable characteristics of the device. From the experimental data,
these constants can be solved for: C1 = 4.37 X 10–3 and C2 = 2.01
Therefore
1
MTBF
+ f
SCLK
xf
data
x4.37x 10*3 e (*2.01 x Dt)
definition of variables
DUT (Device Under Test): The DUT is a 5-ns registered PLD programmed with the equation Q : = D.
MTBF (Mean Time Between Failures): The average time (s) between metastable occurrences that cause a
violation of the device specifications.
fSCLK (system clock frequency): Actual clock frequency for the DUT.
fdata (data frequency): Actual data frequency for a specified input to the DUT.
C1: Calculated constant that defines the magnitude of the curve.
C2: Calculated constant that defines the slope of the curve.
trec (metastability recovery time): Minimum time required to guarantee recovery from metastability, at a given
MTBF failure rate. trec = ∆t – tpd (CLK to Q, max)
∆t: The time difference (ns) from when the synchronizing flip-flop is clocked to when its output is sampled.
The test described above has shown the metastable characteristics of the TIBPAL16R4/R6/R8-5C series. For
additional information on metastable characteristics of Texas Instruments logic circuits, please refer to TI
Applications publication SDAA004, ”Metastable Characteristics, Design Considerations for ALS, AS, and LS
Circuits.’’
OBSOLETE - No Longer Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com