Electronic Components Datasheet Search
  English  ▼

X  

522 18 Datasheet(PDF) 13 Page - Legrand North America, LLC

Part # 522 18
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

522 18 Datasheet(HTML) 13 Page - Legrand North America, LLC

Back Button 522 18 Datasheet HTML 6Page - Legrand North America, LLC 522 18 Datasheet HTML 7Page - Legrand North America, LLC 522 18 Datasheet HTML 8Page - Legrand North America, LLC 522 18 Datasheet HTML 9Page - Legrand North America, LLC 522 18 Datasheet HTML 10Page - Legrand North America, LLC 522 18 Datasheet HTML 11Page - Legrand North America, LLC 522 18 Datasheet HTML 12Page - Legrand North America, LLC 522 18 Datasheet HTML 13Page - Legrand North America, LLC 522 18 Datasheet HTML 14Page - Legrand North America, LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
5. CONNECTION
5.1 Connection capacity
Pilot cable
5.2 Tightening torque of the screw terminals
- 16/32A ELV : from 1 to 1.2 Nm
- 16A LV : from 0.7 to 1 Nm
- 32A LV : from 0.7 to 1 Nm
- 63A LV : from 2 to 2.2 Nm for phase and earth
from 0.7 to 1 Nm for pilot cable
- 125A LV : from 3 to 4 Nm pour phase and earth
from 0.7 to 1 Nm for pilot cable.
13/14
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
Panel
and
Surface mounting
Sockets
Plugs
and
Mobile sockets
Appliance inlets
Current
Type of cable
16/32 A ELV
4 to 10
Rigid
16 A
1.5 to 4
Rigid
32 A
2.5 to 10
Rigid
63 A
6 to 25
Rigid
125 A
25 to 70
Rigid
16/32 A ELV
4 to 10
Rigid
16 A
1 to 2.5
Rigid
32 A
2.5 to 6
Rigid
63 A
6 to 16
Rigid
125 A
16 to 50
Rigid
16/32 A ELV
4 to 10
flexible
16 A
1 to 2.5
flexible
32 A
2.5 to 6
flexible
63 A
6 to 16
flexible
125 A
16 to 50
flexible
Size of cable
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004
4.6. Material characteristics (plastic) (suite)
2.5 to 10
rigid
Appliance inlets
2.5 to 6
rigid
Plugs and mobile sockets
2.5 to 6
flexible
63A / 125A
Cable
Panel mounting and
surface mounting sockets
Formic acid . . . . . . . . . . . . . . . . . . . . . . . . . . . --
-
Uric acid . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
Oils and lubricants - Animal origin
Lard . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Butter, cream . . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Oils and lubricants - Vegetal origin
Linseed oil . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Peanut / Olive . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Castor oil . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Glycerin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
Oils and lubricants - Mineral origin
Paraffin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Engine oil . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
+
Silicone oil . . . . . . . . . . . . . . . . . . . . . . . . . . . . +
++
Cutting oil . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Hydraulic fluid . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Hydrocarbons
Unlead petrol . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Diesel oil . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
Kerosen . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
++
White spirit . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
+
Chlorinated solvents
Trichlorœthylene . . . . . . . . . . . . . . . . . . . . . . . +
-
Trichlorœthane . . . . . . . . . . . . . . . . . . . . . . . . ++
--
Perchlorœthylene . . . . . . . . . . . . . . . . . . . . . . ++
-
Methyl chloride . . . . . . . . . . . . . . . . . . . . . . . . . -
--
Carbon tetrachloride . . . . . . . . . . . . . . . . . . . . +
-
Chloroform . . . . . . . . . . . . . . . . . . . . . . . . . . . . +
-
Aromatic solvents
Benzen . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
+
Toluene . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
+
Xylene . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
+
Alphatic solvents
Hexane . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ++
+
Fluoride solvents
Trichlofluoridmethan . . . . . . . . . . . . . . . . . . . . --
Ketones
Acetone . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +
+
Methyl Etyl Ketone . . . . . . . . . . . . . . . . . . . . . . +
+
Ethyl acetate . . . . . . . . . . . . . . . . . . . . . . . . . . +
+
Turpens
Turpentine . . . . . . . . . . . . . . . . . . . . . . . . . . . . +
-
Resistance to chemical agents at ambient temperature according to risks
of exposure with spraying.
(++) excellent resistance (continue exposure)
(+) good resistance (durable exposure)
(-) limited resistance (possible short exposure)
(--) light resistance (exposure to avoid)
Main
material
Locking
ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com