Electronic Components Datasheet Search
  English  ▼

X  

TL1454ACDBR Datasheet(PDF) 8 Page - Texas Instruments

Part # TL1454ACDBR
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1454ACDBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL1454ACDBR Datasheet HTML 4Page - Texas Instruments TL1454ACDBR Datasheet HTML 5Page - Texas Instruments TL1454ACDBR Datasheet HTML 6Page - Texas Instruments TL1454ACDBR Datasheet HTML 7Page - Texas Instruments TL1454ACDBR Datasheet HTML 8Page - Texas Instruments TL1454ACDBR Datasheet HTML 9Page - Texas Instruments TL1454ACDBR Datasheet HTML 10Page - Texas Instruments TL1454ACDBR Datasheet HTML 11Page - Texas Instruments TL1454ACDBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TL1454A, TL1454AY
DUALCHANNEL PULSEWIDTHMODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A− MAY 2002 − REVISED SEPTEMBER 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
3.6
20
V
Error amplifier common-mode input voltage
− 0.2
1.45
V
Output voltage, VO
20
V
Output current, IO
±40
mA
COMP source current
−45
µA
COMP sink current
100
µA
Reference output current
1
mA
COMP dc load resistance
100
k
Ω
Timing capacitor, CT
10
4000
pF
Timing resistor, RT
5.1
100
k
Ω
Oscillator frequency
50
2000
kHz
Operating free-air temperature, TA
TL1454AC
−20
85
°C
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
fosc = 500 kHz (unless otherwise noted)
reference
PARAMETER
TEST CONDITIONS
TL1454A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Output voltage, REF
IO = 1 mA,
TA = 25°C
1.22
1.26
1.32
V
Vref
Output voltage, REF
IO = 1 mA
1.20
1.34
V
Input regulation
VOC = 3.6 V to 20 V,
IO = 1 mA
2
6
mV
Output regulation
IO = 0.1 mA to 1 mA
1
7.5
mV
Output voltage change with temperature
TA = TA(min) to 25°C,
IO = 1 mA
−12.5
− 1.25
12.5
mV
Output voltage change with temperature
TA = 25°C to 85°C,
IO = 1 mA
−12.5
−2.5
12.5
mV
IOS
Short-circuit output current
Vref = 0 V
30
mA
undervoltage lockout (UVLO)
PARAMETER
TEST CONDITIONS
TL1454A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT +
Positive-going threshold voltage
2.9
V
VIT −
Negative-going threshold voltage
TA = 25°C
2.7
V
Vhys
Hysteresis, VIT + − VIT −
TA = 25 C
100
200
mV
short-circuit protection (SCP)
PARAMETER
TEST CONDITIONS
TL1454A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
TA = 25°C
0.93
1
1.07
V
Vstby†
Standby voltage
No pullup
140
185
230
mV
VI(latched)
Latched-mode input voltage
No pullup
60
120
mV
VIT(COMP)
Comparator threshold voltage
COMP1, COMP2
1
V
Input source current
TA = 25°C,
VO(SCP) = 0
−5
−15
−20
µA
† This symbol is not presently listed within EIA / JEDEC standards for semiconductor symbology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com