Electronic Components Datasheet Search
  English  ▼

X  

TL16C554FN Datasheet(PDF) 23 Page - Texas Instruments

Part # TL16C554FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL16C554FN Datasheet(HTML) 23 Page - Texas Instruments

Back Button TL16C554FN Datasheet HTML 19Page - Texas Instruments TL16C554FN Datasheet HTML 20Page - Texas Instruments TL16C554FN Datasheet HTML 21Page - Texas Instruments TL16C554FN Datasheet HTML 22Page - Texas Instruments TL16C554FN Datasheet HTML 23Page - Texas Instruments TL16C554FN Datasheet HTML 24Page - Texas Instruments TL16C554FN Datasheet HTML 25Page - Texas Instruments TL16C554FN Datasheet HTML 26Page - Texas Instruments TL16C554FN Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
TL16C554, TL16C554I
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS165G − JANUARY 1994 − REVISED MARCH 2006
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
modem control register (MCR)
The MCR controls the interface with the modem or data set as described in Figure 16. MCR can be written and
read. The RTS and DTR outputs are directly controlled by their control bits in this register. A high input asserts
a low signal (active) at the output terminals. MCR bits 0, 1, 2, 3, and 4 are shown as follows:
D Bit 0: When MCR0 is set, the DTR output is forced low. When MCR0 is cleared, the DTR output is forced
high. The DTR output of the serial channel may be input into an inverting line driver in order to obtain the
proper polarity input at the modem or data set.
D Bit1: When MCR1 is set, the RTS output is forced low. When MCR1 is cleared, the RTS output is forced
high. The RTS output of the serial channel may be input into an inverting line driver to obtain the proper
polarity input at the modem or data set.
D Bit 2: MCR2 has no affect on operation.
D Bit 3: When MCR3 is set, the external serial channel interrupt is enabled.
D Bit 4: MCR4 provides a local loopback feature for diagnostic testing of the channel. When MCR4 is set,
serial output TXx is set to the marking (high) state and SIN is disconnected. The output of the TSR is looped
back into the RSR input. The four modem control inputs (CTS, DSR, DCD, and RI) are disconnected. The
modem control outputs (DTR and RTS) are internally connected to the four modem control inputs. The
modem control output terminals are forced to their inactive (high) state on the TL16C554. In the diagnostic
mode, data transmitted is immediately received. This allows the processor to verify the transmit and receive
data paths of the selected serial channel. Interrupt control is fully operational; however, interrupts are
generated by controlling the lower four MCR bits internally. Interrupts are not generated by activity on the
external terminals represented by those four bits.
D Bit 5 − Bit 7: MCR5, MCR6, and MCR7 are permanently cleared.
Data Terminal
Ready
0 = DTR Output Inactive (high)
1 = DTR Output Active (low)
MODEM CONTROL REGISTER
MCR
7
MCR
6
MCR
5
MCR
4
MCR
3
MCR
2
Loop
0 = Loop Disabled
1 = Loop Enabled
Bits Are Set to Logic 0
Request
to Send
0 = RTS Output Inactive (high)
1 = RTS Output Active (low)
MCR
1
MCR
0
Out1 (internal)
Out2 (internal)
No affect on external operation
0 = External Interrupt Disabled
1 = External Interrupt Enabled
Figure 16. Modem Control Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com