Electronic Components Datasheet Search
  English  ▼

X  

TL087 Datasheet(PDF) 7 Page - Texas Instruments

Part # TL087
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL087 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL087 Datasheet HTML 3Page - Texas Instruments TL087 Datasheet HTML 4Page - Texas Instruments TL087 Datasheet HTML 5Page - Texas Instruments TL087 Datasheet HTML 6Page - Texas Instruments TL087 Datasheet HTML 7Page - Texas Instruments TL087 Datasheet HTML 8Page - Texas Instruments TL087 Datasheet HTML 9Page - Texas Instruments TL087 Datasheet HTML 10Page - Texas Instruments TL087 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082B – MARCH 1979 – REVISED – JULY 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
table of graphs
FIGURE
α
VIO
Temperature coefficient of input offset voltage
Distribution
6, 7
IIO
Input offset current
vs Temperature
8
IIB
Input bias current
vs VIC
vs Temperature
9
8
VI
Common-mode input voltage range limits
vs VCC
vs Temperature
10
11
VID
Differential input voltage
vs Output voltage
12
VOM
Maximum peak output voltage swing
vs VCC
vs Output current
vs Frequency
vs Temperature
13
17
14, 15, 16
18
AVD
Differential voltage amplification
vs RL
vs Frequency
vs Temperature
19
20
21
zo
Output impedance
vs Frequency
24
CMRR
Common-mode rejection ratio
vs Frequency
vs Temperature
22
23
kSVR
Supply-voltage rejection ratio
vs Temperature
25
IOS
Short-circuit output current
vs VCC
vs Time
vs Temperature
26
27
28
ICC
Supply current
vs VCC
vs Temperature
29
30
SR
Slew rate
vs RL
vs Temperature
31
32
Overshoot factor
vs CL
33
Vn
Equivalent input noise voltage
vs Frequency
34
THD
Total harmonic distortion
vs Frequency
35
B1
Unity-gain bandwidth
vs VCC
vs Temperature
36
37
φm
Phase margin
vs VCC
vs CL
vs Temperature
38
39
40
Phase shift
vs Frequency
20
Pulse response
Small-signal
Large-signal
41
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com