Electronic Components Datasheet Search
  English  ▼

X  

TL343 Datasheet(PDF) 3 Page - Texas Instruments

Part # TL343
Description  SINGLE LOW-POWER OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL343 Datasheet(HTML) 3 Page - Texas Instruments

  TL343 Datasheet HTML 1Page - Texas Instruments TL343 Datasheet HTML 2Page - Texas Instruments TL343 Datasheet HTML 3Page - Texas Instruments TL343 Datasheet HTML 4Page - Texas Instruments TL343 Datasheet HTML 5Page - Texas Instruments TL343 Datasheet HTML 6Page - Texas Instruments TL343 Datasheet HTML 7Page - Texas Instruments TL343 Datasheet HTML 8Page - Texas Instruments TL343 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL343
SINGLE LOW POWER OPERATIONAL AMPLIFIER
SLOS250G − JUNE 1999 − REVISED JANUARY 2005
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Single-supply voltage
3
30
V
VCC+
Dual-supply voltage
1.5
15
V
VCC−
Dual-supply voltage
−1.5
−15
V
TA
Operating free-air temperature
−40
125
°C
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
See Note 6
25
°C
2
10
mV
VIO
Input offset voltage
See Note 6
Full range
12
mV
a
V
IO
Temperature coefficient
of input offset voltage
See Note 6
Full range
10
µV/°C
IIO
Input offset current
See Note 6
25
°C
30
50
nA
IIO
Input offset current
See Note 6
Full range
200
nA
a
I
IO
Temperature coefficient
of input offset current
See Note 6
Full range
50
pA/
°C
IIB
Input bias current
See Note 6
25
°C
−200
−500
nA
IIB
Input bias current
See Note 6
Full range
−800
nA
VICR
Common-mode input voltage range‡
25
°C
VCC−
to 13
VCC−
to 13.5
V
RL = 10 kΩ
25
°C
±12
±13.5
VOM
Peak output-voltage swing
RL = 2 kΩ
25
°C
±10
±13
V
VOM
Peak output-voltage swing
RL = 2 kΩ
Full range
±10
V
AVD
Large-signal differential
VO = ±10 V,
RL = 2 kΩ
25
°C
20
200
V/mV
AVD
Large-signal differential
voltage amplification
VO = ±10 V,
RL = 2 kΩ
Full range
15
V/mV
BOM
Maximum-output-swing bandwidth
VOPP = 20 V,
THD
≤ 5%,
AVD = 1,
RL = 2 kΩ
25
°C
9
kHz
B1
Unity-gain bandwidth
VO = 50 mV,
RL = 10 kΩ
25
°C
1
MHz
φm
Phase margin
CL = 200 pF,
RL = 2 kΩ
25
°C
44
Deg
ri
Input resistance
f = 20 Hz
25
°C
0.3
1
M
Ω
ro
Output resistance
f = 20 Hz
25
°C
75
Ω
CMRR
Common-mode rejection ratio
VIC = VICR(min)
25
°C
70
90
dB
kSVS
Supply-voltage sensitivity (
∆VIO/∆VCC)
VCC± = ±2.5 to ±15 V
25
°C
30
150
µV/V
IOS
Short-circuit output current§
25
°C
±10
±30
±55
mA
ICC
Total supply current
No load,
See Note 6
25
°C
0.7
2.8
mA
† All characteristics are measured under open-loop conditions, with zero common-mode voltage, unless otherwise specified. Full range for TA is
−40
°C to 125°C.
‡ The VICR limits are linked directly, volt-for-volt, to supply voltage; the positive limit is 2 V less than VCC+.
§ Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded.
NOTE 6: VIO, IIO, IIB, and ICC are defined at VO = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com