Electronic Components Datasheet Search
  English  ▼

X  

TL3472IP Datasheet(PDF) 5 Page - Texas Instruments

Part # TL3472IP
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3472IP Datasheet(HTML) 5 Page - Texas Instruments

  TL3472IP Datasheet HTML 1Page - Texas Instruments TL3472IP Datasheet HTML 2Page - Texas Instruments TL3472IP Datasheet HTML 3Page - Texas Instruments TL3472IP Datasheet HTML 4Page - Texas Instruments TL3472IP Datasheet HTML 5Page - Texas Instruments TL3472IP Datasheet HTML 6Page - Texas Instruments TL3472IP Datasheet HTML 7Page - Texas Instruments TL3472IP Datasheet HTML 8Page - Texas Instruments TL3472IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TL3472
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
SLOS200G − OCTOBER 1997 − REVISED JULY 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR+
Positive slew rate
VI = −10 V to 10 V,
AV = 1
8
10
V/
μs
SR−
Negative slew rate
VI = 10 V to 10 V,
RL = 2 kΩ, CL = 300 pF
AV = −1
13
V/
μs
t
Settling time
A
1 10 V step
To 0.1%
1.1
s
ts
Settling time
AVD = −1, 10-V step
To 0.01%
2.2
μs
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 100 Ω
49
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.22
pA/
√Hz
THD
Total harmonic distortion
VO(PP) = 2 V to 20 V, RL = 2 kΩ, AVD = 10, f = 10 kHz
0.02
%
GBW
Gain-bandwidth product
f =100 kHz
3
4
MHz
BW
Power bandwidth
V
20 V R
2k
Ω A
1 THD
5 0%
160
kHz
BW
Power bandwidth
VO(PP) = 20 V, RL = 2 kΩ, AVD = 1, THD = 5.0%
160
kHz
φ
Phase margin
R
2k
Ω
CL = 0
70
deg
φm
Phase margin
RL = 2 kΩ
CL = 300 pF
50
deg
Gain margin
R
2k
Ω
CL = 0
12
dB
Gain margin
RL = 2 kΩ
CL = 300 pF
4
dB
ri
Differential input resistance
VIC = 0
150
M
Ω
Ci
Input capacitance
VIC = 0
2.5
pF
Channel separation
f = 10 kHz
101
dB
zo
Open-loop output impedance
f = 1 MHz,
AV = 1
20
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com