Electronic Components Datasheet Search
  English  ▼

X  

TL499ACP Datasheet(PDF) 6 Page - Texas Instruments

Part # TL499ACP
Description  TL499A Wide-Range Power-Supply Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL499ACP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL499ACP Datasheet HTML 2Page - Texas Instruments TL499ACP Datasheet HTML 3Page - Texas Instruments TL499ACP Datasheet HTML 4Page - Texas Instruments TL499ACP Datasheet HTML 5Page - Texas Instruments TL499ACP Datasheet HTML 6Page - Texas Instruments TL499ACP Datasheet HTML 7Page - Texas Instruments TL499ACP Datasheet HTML 8Page - Texas Instruments TL499ACP Datasheet HTML 9Page - Texas Instruments TL499ACP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Startup
GND
REF
SW REG
Control
Current Sense
Voltage
Sense
Startup
Blocking Diode
SW IN
SW REG IN2
SERIES IN1
OUTPUT
GND (PWR)
SW CURRENT CTRL
3
1
5
6
8
7
4
2
+
+
+
–
+
–
TL499A
SLVS029H – JANUARY 1984 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TL499A provides an adjustable output voltage between 2.9 V and 30 V. The primary power source uses the
internal linear regulator to provide the output voltage. When the primary power source is removed, the secondary
power source is stepped up using the internal switching regulator to provide the output voltage.
7.2 Functional Block Diagram
7.3 Feature Description
The TL499A has an adjustable output voltage set by feedback provided to REF pin abs an adjustable switching
current is set by value of resistor on SW CURRENT CONTROL pin. The lower resistance provides increased
switching current.
Dual power supply inputs also provide protection against power faults on the main supply of the TL499A.
7.4 Device Functional Modes
The TL499A has two functional modes:
•
Linear voltage regulation when SERIES IN1 supply is present.
•
Step-up voltage regulation when SERIES IN1 supply is absent.
6
Submit Documentation Feedback
Copyright © 1984–2015, Texas Instruments Incorporated
Product Folder Links: TL499A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com