Electronic Components Datasheet Search
  English  ▼

X  

TL5002CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TL5002CD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL5002CD Datasheet(HTML) 5 Page - Texas Instruments

  TL5002CD Datasheet HTML 1Page - Texas Instruments TL5002CD Datasheet HTML 2Page - Texas Instruments TL5002CD Datasheet HTML 3Page - Texas Instruments TL5002CD Datasheet HTML 4Page - Texas Instruments TL5002CD Datasheet HTML 5Page - Texas Instruments TL5002CD Datasheet HTML 6Page - Texas Instruments TL5002CD Datasheet HTML 7Page - Texas Instruments TL5002CD Datasheet HTML 8Page - Texas Instruments TL5002CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TL5002
PULSEWIDTHMODULATION CONTROL CIRCUIT
SLVS304A − SEPTEMBER 2000 − REVISED AUGUST 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
fosc = 100 kHz (unless otherwise noted)
undervoltage lockout
PARAMETER
TEST CONDITIONS
TL5002C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Upper threshold voltage
TA = 25°C
3
V
Lower threshold voltage
TA = 25°C
2.8
V
Hysteresis
TA = 25°C
100
200
mV
† All typical values are at TA = 25°C.
oscillator
PARAMETER
TEST CONDITIONS
TL5002C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Frequency
Rt = 100 kΩ
100
kHz
Standard deviation of frequency
15
kHz
Frequency change with voltage
VCC = 3.6 V to 40 V
1
kHz
TA = − 40°C to 25°C
−4
− 0.4
4
kHz
Frequency change with temperature
TA = − 20°C to 25°C
−4
− 0.4
4
kHz
Frequency change with temperature
TA = 25°C to 85°C
−4
− 0.2
4
kHz
Voltage at RT
1
V
† All typical values are at TA = 25°C.
dead-time control
PARAMETER
TEST CONDITIONS
TL5002C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output (source) current
TL5002
V(DT) = 1.5 V
0.9
× IRT‡
1.2
× IRT
µA
Input threshold voltage
Duty cycle = 0%
0.5
0.7
V
Input threshold voltage
Duty cycle = 100%
1.3
1.5
V
† All typical values are at TA = 25°C.
‡ Output source current at RT
error amplifier
PARAMETER
TEST CONDITIONS
TL5002C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input voltage
VCC = 3.6 V to 40 V
0.3
1.5
V
Input bias current
− 160
− 500
nA
Output voltage swing
Positive
1.5
2.3
V
Output voltage swing
Negative
0.3
0.4
V
Open-loop voltage amplification
80
dB
Unity-gain bandwidth
1.5
MHz
Output (sink) current
VI(INV) = 1.2 V, COMP = 1 V
100
600
µA
Output (source) current
VI(INV) = 0.8 V, COMP = 1 V
−45
−70
µA
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com