Electronic Components Datasheet Search
  English  ▼

X  

TL714CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TL714CD
Description  HIGH-SPEED DIFFERENTIAL COMPARATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL714CD Datasheet(HTML) 1 Page - Texas Instruments

  TL714CD Datasheet HTML 1Page - Texas Instruments TL714CD Datasheet HTML 2Page - Texas Instruments TL714CD Datasheet HTML 3Page - Texas Instruments TL714CD Datasheet HTML 4Page - Texas Instruments TL714CD Datasheet HTML 5Page - Texas Instruments TL714CD Datasheet HTML 6Page - Texas Instruments TL714CD Datasheet HTML 7Page - Texas Instruments TL714CD Datasheet HTML 8Page - Texas Instruments TL714CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TL714C
HIGH-SPEED DIFFERENTIAL COMPARATOR
SLCS015A − DECEMBER 1988 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operates From a 5-V Supply
D Self-Biasing Inputs
D Hysteresis . . . 10 mV Typ
D Response Time ...6 ns Typ
D Maximum Operating Frequency
. . . 50 MHz Typ
description/ordering information
The TL714C is a high-speed differential comparator fabricated with bipolar Schottky process technology. The
circuit has differential inputs and a TTL-compatible logic output with symmetrical switching characteristics.
The device operates from a single 5-V supply and is useful as a disk-memory read-chain data comparator.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
TL714CP
TL714CP
0
°C to 70°C
SOIC (D)
Tube of 75
TL714CD
TL714C
0 C to 70 C
SOIC (D)
Reel of 2500
TL714CDR
TL714C
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
symbol
IN+
IN−
OUT
Copyright
© 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
NC
IN−
IN+
NC
VCC
NC
OUT
GND
D OR P PACKAGE
(TOP VIEW)
NC − No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TL714CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL714CD TI-TL714CD Datasheet
62Kb / 4P
HIGH-SPEED DIFFERENTIAL COMPARATOR
TL714CD TI-TL714CD Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
TL714CDE4 TI-TL714CDE4 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
TL714CDR TI-TL714CDR Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
TL714CDRE4 TI-TL714CDRE4 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
More results

Similar Description - TL714CD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
High Speed Differential Comparator
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
LM160QML High Speed Differential Comparator
LM160QML TI1-LM160QML_14 Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
LM160 TI1-LM160_14 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com