Electronic Components Datasheet Search
  English  ▼

X  

TL780 Datasheet(PDF) 7 Page - Texas Instruments

Part # TL780
Description  POSITIVE-VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL780 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL780 Datasheet HTML 3Page - Texas Instruments TL780 Datasheet HTML 4Page - Texas Instruments TL780 Datasheet HTML 5Page - Texas Instruments TL780 Datasheet HTML 6Page - Texas Instruments TL780 Datasheet HTML 7Page - Texas Instruments TL780 Datasheet HTML 8Page - Texas Instruments TL780 Datasheet HTML 9Page - Texas Instruments TL780 Datasheet HTML 10Page - Texas Instruments TL780 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TL780-05CKTTR
Active
Production
DDPAK/
TO-263 (KTT) | 3
500 | LARGE T&R
Yes
SN
Level-3-245C-168 HR
0 to 125
TL780-05C
TL780-05CKTTR.A
Active
Production
DDPAK/
TO-263 (KTT) | 3
500 | LARGE T&R
Yes
SN
Level-3-245C-168 HR
0 to 125
TL780-05C
TL780-05CKTTRG3
Active
Production
DDPAK/
TO-263 (KTT) | 3
500 | LARGE T&R
Yes
SN
Level-3-245C-168 HR
0 to 125
TL780-05C
TL780-05KCS
Active
Production
TO-220 (KCS) | 3
50 | TUBE
Yes
SN
N/A for Pkg Type
0 to 125
TL780-05
TL780-05KCS.A
Active
Production
TO-220 (KCS) | 3
50 | TUBE
Yes
SN
N/A for Pkg Type
0 to 125
TL780-05
TL780-05KCSE3
Active
Production
TO-220 (KCS) | 3
50 | TUBE
Yes
SN
N/A for Pkg Type
0 to 125
TL780-05
TL780-12KCS
Active
Production
TO-220 (KCS) | 3
50 | TUBE
Yes
SN
N/A for Pkg Type
0 to 125
TL780-12
TL780-12KCS.A
Active
Production
TO-220 (KCS) | 3
50 | TUBE
Yes
SN
N/A for Pkg Type
0 to 125
TL780-12
TL780-15KCS
Active
Production
TO-220 (KCS) | 3
50 | TUBE
Yes
SN
N/A for Pkg Type
0 to 125
TL780-15
TL780-15KCS.A
Active
Production
TO-220 (KCS) | 3
50 | TUBE
Yes
SN
N/A for Pkg Type
0 to 125
TL780-15
TL780-15KCSE3
Active
Production
TO-220 (KCS) | 3
50 | TUBE
Yes
SN
N/A for Pkg Type
0 to 125
TL780-15
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com