Electronic Components Datasheet Search
  English  ▼

X  

XC6413 Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6413
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6413 Datasheet HTML 11Page - Torex Semiconductor XC6413 Datasheet HTML 12Page - Torex Semiconductor XC6413 Datasheet HTML 13Page - Torex Semiconductor XC6413 Datasheet HTML 14Page - Torex Semiconductor XC6413 Datasheet HTML 15Page - Torex Semiconductor XC6413 Datasheet HTML 16Page - Torex Semiconductor XC6413 Datasheet HTML 17Page - Torex Semiconductor XC6413 Datasheet HTML 18Page - Torex Semiconductor XC6413 Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
XC6413/XC6414
Series
<Toggle Operation (Continued) >
For the XC6403/04B series, there are two types of toggle selection; one is a T-type flip-flop (T-FF) used for toggle operation
which can be reset internally by a signal directly from the voltage detector (VIN Sense type only. See also the Selection
Guide). The other type is where the reset is applied internally through a one shot pulse circuit (VIN, VROUT type only. See
also the Selection Guide). The type, which applies the reset directly via the signal from the voltage detector function, applies
the voltage detector comparator's output signal (reset signal) to the reset of T-FF reset, and turns the VR output OFF when
the input voltage decreases below the detect voltage due to battery consumption, etc.. In order to return the VR output,
apply a voltage larger than the release voltage to VIN and input a toggle signal to the T-FF. In the case where input voltage
is below the release voltage, the VR output does not return even though the toggle signal is input into the T-FF.
The type which applies the reset signal to the T-FF internally via a one-shot pulse circuit changes the voltage detector
comparator output signal to a one-shot signal internally. Like the type which applies the reset directly via the signal from
voltage detector function, this type also applies the reset to the T-FF and sets the VR output to OFF when the input voltage
(VIN Sense type) and output voltage (VROUT Sense type) drop below the detect voltage level. This type can return the VR
output by inputting a toggle signal, even when the Sense pin voltage (VIN or VROUT pin voltage) is below the release voltage.
Please refer to the block diagram below and the timing chart on the following page. Please choose the option suitable to
the application.
Block Diagram for XC6413/14B series Timing Chart
■
OPERATIONAL EXPLANATION (Continued)
Block diagram for the XC6413 / 14B series’ timing chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com