Electronic Components Datasheet Search
  English  ▼

X  

TLC251 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC251
Description  LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC251 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC251 Datasheet HTML 8Page - Texas Instruments TLC251 Datasheet HTML 9Page - Texas Instruments TLC251 Datasheet HTML 10Page - Texas Instruments TLC251 Datasheet HTML 11Page - Texas Instruments TLC251 Datasheet HTML 12Page - Texas Instruments TLC251 Datasheet HTML 13Page - Texas Instruments TLC251 Datasheet HTML 14Page - Texas Instruments TLC251 Datasheet HTML 15Page - Texas Instruments TLC251 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TLC251, TLC251A, TLC251B, TLC251Y
LinCMOS
 PROGRAMMABLE
LOW-POWER OPERATIONAL AMPLIFIERS
SLOS001F – JULY 1983 – REVISED MARCH 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VDD = 5 V, TA = 25°C
TLC251Y
PARAMETER
TEST CONDITIONS
HIGH-BIAS
MODE
MEDIUM-BIAS
MODE
LOW-BIAS
MODE
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 1.4 V,
VIC = 0 V,
RS = 50 Ω,
RL†
1.1
10
1.1
10
1.1
10
mV
αVIO
Average temperature
coefficient of input
offset voltage
1.8
1.7
1.1
µV/°C
IIO
Input offset current
(see Note 4)
VO = VDD/2,
VIC = VDD/2
0.1
60
0.1
60
0.1
60
pA
IIB
Input bias current
(see Note 4)
VO = VDD/2,
VIC = VDD/2
0.6
60
0.6
60
0.6
60
pA
VICR
Common-mode input
voltage range
(see Note 5)
– 0.2
to
4
– 0.3
to
4.2
– 0.2
to
4
– 0.3
to
4.2
– 0.2
to
4
– 0.3
to
4.2
V
VOH
High-level output
voltage
VID = 100 mV,
RL†
3.2
3.8
3.2
3.9
3.2
4.1
V
VOL
Low-level output
voltage
VID = – 100 mV,
IOL = 0
0
50
0
50
0
50
mV
AVD
Large-signal
differential voltage
amplification
VO = 0.25 V,
RL†
5
23
25
170
50
480
V/mV
CMRR
Common-mode
rejection ratio
VIC = VICRmin
65
80
65
91
65
94
dB
kSVR
Supply-voltage
rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
65
95
70
93
70
97
dB
II(SEL)
Input current
(BIAS SELECT)
VI(SEL) = VDD/2
– 1.4
– 0.13
0.065
µA
IDD
Supply current
VO = VDD/2,
VIC = VDD/2,
No load
675
1600
105
280
10
17
µA
† For high-bias mode, RL = 10 kΩ; for medium-bias mode, RL = 100 kΩ; and for low-bias mode, RL = 1 MΩ.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com